Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM199 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM199
Description  Precision Reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM199 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM199_05 Datasheet HTML 1Page - National Semiconductor (TI) LM199_05 Datasheet HTML 2Page - National Semiconductor (TI) LM199_05 Datasheet HTML 3Page - National Semiconductor (TI) LM199_05 Datasheet HTML 4Page - National Semiconductor (TI) LM199_05 Datasheet HTML 5Page - National Semiconductor (TI) LM199_05 Datasheet HTML 6Page - National Semiconductor (TI) LM199_05 Datasheet HTML 7Page - National Semiconductor (TI) LM199_05 Datasheet HTML 8Page - National Semiconductor (TI) LM199_05 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics (Notes 3, 6) (Continued)
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: The substrate is electrically connected to the negative terminal of the temperature stabilizer. The voltage that can be applied to either terminal of the
reference is 40V more positive or 0.1V more negative than the substrate.
Note 3: These specifications apply for 30V applied to the temperature stabilizer and −55˚C
≤TA≤+125˚C for the LM199; −25˚C≤TA≤+85˚C for the LM299 and
0˚C
≤TA≤+70˚C for the LM399.
Note 4: This initial current can be reduced by adding an appropriate resistor and capacitor to the heater circuit. See the performance characteristic graphs to
determine values.
Note 5: Do not wash the LM199 with its polysulfone thermal shield in TCE.
Note 6: A military data sheet is available for the LM199AH/833 and LM199AH-SMD (SMD#5962-88561) upon request.
Functional Block Diagram
LM199/LM299/LM399
00571715
www.national.com
3


Similar Part No. - LM199_05

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM199A LINER-LM199A Datasheet
296Kb / 5P
Precision Reference
LM199A LINER-LM199A Datasheet
141Kb / 8P
Precision Reference
LM199A LINER-LM199A Datasheet
171Kb / 8P
Precision Reference
LM199AH LINER-LM199AH Datasheet
296Kb / 5P
Precision Reference
LM199AH LINER-LM199AH Datasheet
141Kb / 8P
Precision Reference
More results

Similar Description - LM199_05

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com