Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD36-24-31ST-059 Datasheet(PDF) 159 Page - TE Connectivity Ltd

Part # HD36-24-31ST-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-31ST-059 Datasheet(HTML) 159 Page - TE Connectivity Ltd

Back Button HD36-24-31ST-059 Datasheet HTML 155Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 156Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 157Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 158Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 159Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 160Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 161Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 162Page - TE Connectivity Ltd HD36-24-31ST-059 Datasheet HTML 163Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 159
GLOSSARY
TERM
DEFINITION
A
Adapter
Device attached to a connector to allow connection to a second device that it would not otherwise be able to attach.
Applicator
Tooling used in automatic machines to crimp stamped and formed contacts.
AWG
American wire gauge. Standardized system of wire diameter measurement. Commonly referred to as wire gauge. (Reference: National
Bureau of Standards, Copper Wire Table [Handbook 100] AVS.)
B
Backshell
A secondary attachment for the rear of a connector to provide strain relief, environmental protection, and/or improved aesthetics.
Blocked Cavities
Unused holes or contact positions in a connector which have been filled with sealing plugs or made inaccessible by modification to the
rear grommet.
Breakaway
Connector with a slotted coupling ring. Coupling ring is intended to fragment and allow connectors to separate without damage to the
implement in the event of an unintended pull-away.
Boot
Attachment for the back of a connector. Boots are typically flexible, made from plastic or plastisol, and may provide wire strain relief,
environmental protection, and/or improved aesthetics.
Bulkhead
Dividing wall or partition. Bulkhead connectors are designed to be mounted to a dividing wall through a cutout.
Buss
A thin conductive strip connecting multiple contacts within the body of a connector. Used to distribute electrical current to the branches
of a circuit.
C
Cable Clamp
An attachment to provide support and strain relief to the wire bundle where it exits the connector.
Cap (Pin Housing)
One half of a mated pair of connectors. AMPSEAL 16 pin housings mate with a receptacle contact housing (plug) and house pin contacts.
Cavity
Hole in the connector grommet and housing, into which the contact must fit.
Compression Nut
Secondary backshell assembly. Threads onto rear of backshell to compact the wire bundle and provide additional support.
Contact
Conductive device crimped or soldered onto the end of conductor wire to allow the transfer of electricity or data to a second conductor.
Contacts are most frequently used in multiples in connectors. Also commonly referred to as terminals, pins and/or sockets.
Contact Rating
The maximum recommended amperage to be passed through a wire terminal.
Coupling Ring
Attached cylindrical ring used to lock mated connectors together.
Crimp
The physical compression of a contact barrel around a conductor to make an electrical connection.
Crimping Die
The part of a crimping tool that physically compresses the contact barrel and shapes the crimp.
D
Diode
Electronic component that allows electrical flow in one direction only.
Dust Cover
Cap used to protect and conceal the interface of an unmated connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com