Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCO-S-A12 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # VCO-S-A12
Description  VOLTAGE CONTROLLED OSCILLATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

VCO-S-A12 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  VCO-S-A12 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ 26 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
VOLTAGE CONTROLLED
OSCILLATORS
VOLTAGE CONTROLLED
OSCILLATORS
170 - 220
0 - 10
+7
<13
+3
±3
5 - 8
-95/-115
10
5
15
VCO-S-A12
180 - 220
0 - 5
+7
<35
0
±1
9 - 14
-95/-115
10
5
15
VCO-S-A17
200 - 400
0 - 17
+12
<35
+14
±2.5
10 - 20
-90/-115
10
5
15
VCO-S-200
210 - 270
1 - 12
+12
<35
+10
±3
5 - 6
-94/-118
10
5
15
VCO210SA
225 - 450
1 - 17
+7
<13
+4
±2.5
20 - 30
-95/-115
9
5
15
VCO225SA
250 - 500
2 - 22
+12
<35
+14
±2.5
10 - 20
-95/-120
10
5
15
VCO-S-250
350 - 410
2 - 10
+8
<35
+7
±2
7.5 - 15
-100/-125
10
1
15
VCO-S-A23
400 - 450
2 - 10
+8
<35
+7
±2
6.0 - 15
-98/-120
10
1
15
VCO-S-A22
400 - 650
0.5 - 5
+5
<20
+7
±3.5
50 - 80
-95/-120
10
5
15
VCO400SA
400 - 800
0.5 - 15
+12
<35
+15
±2.5
20 - 30
-95/-120
10
1
15
VCO-S-400
470 - 650
1 - 11
+12
<35
+12
±2.5
20 - 30
-97/-112
10
1
15
VCO470SA
500 - 600
0 - 5
+7
<35
0
±1
20 - 30
-90/-115
10
5
15
VCO-S-A18
500 - 1000 0.5 - 30
+12
<35
+14
±2.5
25 - 50
-95/-120
10
1
15
VCO-S-500
550 - 890
1 - 18
+12
<35
+14
±2.5
25 - 50
-95/-120
10
1
15
VCO550SA
600 - 1200 0.5 - 25
+12
<35
+12
±2.5
25 - 45
-95/-120
10
1
15
VCO-S-600
700 - 1400 0.5 - 25
+12
<35
+15
±3
35 - 60
-95/-120
10
5
15
VCO-S-700
750 - 830
1 - 4
+12
<30 +14.5
±1.5
35 - 45
-90/-117
10
5
15
VCO-S-A06
800 - 1600
0 - 25
+12
<35
+14
±3.5
40 - 60
-95/-120
10
1
15
VCO-S-800
844 - 919
1 - 4
+12
<35
+14
±1.5
25 - 40
-85/-110
18
2
4.5
VCO844SA
900 - 1800 0.5 - 20
+12
<35
+11
±3
40 - 60
-95/-120
10
5
15
VCO-S-900
900 - 2200
0 - 25
+12
<35
+12
±2.5
55 - 80
-85/-110
10
8
15
VCO900SA
950 - 1175
4 - 15
+12
<35
+13
±3
21 - 27
-95/-118
10
1
15
VCO-S-A27
1000 - 2000 0.5 - 22
+12
<35
+11
±3
40 - 60
-95/-120
10
5
15
VCO-S-1000
1000 - 2000 0.5 - 22
+12
<35
+6
±2.5
50 - 70
-98/-126
10
5
15
VCO1000SA
1100 - 2200 0.5 - 25
+12
<35
+13
±3
40 - 60
-95/-120
10
5
15
VCO-S-1100
1200 - 2400
0 - 26
+5
<35
+10
±3
40 - 100
-90/-110
10
5
15
VCO1200SA
1500 - 2100
1 - 12
+12
<35
+10
±3
40 - 60
-88/-115
10
5
15
VCO1500SA
1600 - 2000
0 - 5
+5
<35
+10
±3
80 - 100
-90/-115
10
13
10
VCO1600SA
1600 - 2600
0 - 26
+5
<35
+10
±3
40 - 60
-90/-120
10
5
15
VCO-S-A24
1750 - 2000
1 - 9
+9.6
<30
+10
±3
35 - 60
-82/-110
10
8
30
VCO1750SA
2000 - 3000
0 - 25
+12
<35
+9
±2
40 - 70
-88/-116
10
8
15
VCO-S-2000
SURFACE-MOUNT PACKAGE
PIN-OUT TABLE
1
4
16
ALL OTHERS
RF OUT
Vcc
Vtune
CASE GND
124SL
COMMON SPECIFICATIONS
• Output Impedance: 50 ohms
• Operating Temperature: -30oC to +70oC
• VSWR: 1.5:1 (Typ)
• Contact the factory for more stringent operating temperature range
FREQUENCY
RANGE
(MHz)
NOMINAL
TUNING
VOLTAGE
(Volts)
DC BIAS
REQUIREMENTS
VOLTAGE CURRENT
(Volts)
(mA)
OUTPUT
POWER
Tolerance
dBm
(dB)
AVERAGE
TUNING
SENSITIVITY
MHz/Volt
TYPICAL
PHASE NOISE
dBc/Hz
Offset at
10 KHz/100 KHz
TYPICAL
HARMONIC
SUPPRESSION
(dBc)
MODEL
PULLING
(@ 1.75:1 VSWR)
MHz
(Typ)
PUSHING
(MHz/Volt)
(Typ)


Similar Part No. - VCO-S-A12

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
VCO-102TC SIRENZA-VCO-102TC Datasheet
281Kb / 1P
   VCO Product Specification
VCO-103TC SIRENZA-VCO-103TC Datasheet
281Kb / 1P
   VCO Product Specification
VCO-104TC SIRENZA-VCO-104TC Datasheet
281Kb / 1P
   VCO Product Specification
VCO-105TC SIRENZA-VCO-105TC Datasheet
281Kb / 1P
   VCO Product Specification
VCO-106TC SIRENZA-VCO-106TC Datasheet
281Kb / 1P
   VCO Product Specification
More results

Similar Description - VCO-S-A12

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K-POS-2 MINI-K-POS-2 Datasheet
242Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN54LS624 TI1-SN54LS624_14 Datasheet
953Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN54LS624 TI-SN54LS624 Datasheet
398Kb / 10P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
CFO284SA SYNERGY-CFO284SA Datasheet
337Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN74LS624NSR TI-SN74LS624NSR Datasheet
726Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN74LS628DR TI-SN74LS628DR Datasheet
726Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
VCSO-0C12 SYNERGY-VCSO-0C12 Datasheet
515Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
VFC180SA SYNERGY-VFC180SA Datasheet
162Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
CRO617SA SYNERGY-CRO617SA Datasheet
167Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Mini-Circuits
K-JTOS-3 MINI-K-JTOS-3 Datasheet
249Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com