Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4953K Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4953K
Description  MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4953K Datasheet(HTML) 4 Page - STMicroelectronics

  L4953K Datasheet HTML 1Page - STMicroelectronics L4953K Datasheet HTML 2Page - STMicroelectronics L4953K Datasheet HTML 3Page - STMicroelectronics L4953K Datasheet HTML 4Page - STMicroelectronics L4953K Datasheet HTML 5Page - STMicroelectronics L4953K Datasheet HTML 6Page - STMicroelectronics L4953K Datasheet HTML 7Page - STMicroelectronics L4953K Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ELECTRICAL CHARACTERISTICS (continued)
LVW/FAULT (referred to VS)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
THON LVW
LVW ON Threshold
8.55
9.00
9.45
V
THOFF LVW
LVW OFF Threshold
8.75
9.20
9.65
V
(LVW-out 8.25) LVW-Vout 8.25
0.5
0.65
V
HYST
Threshold Hysteresis
50
200
350
mV
OUTLW
LVW Output Voltage
1.5
V
Ileak
Leakage Current
50
µA
RESET (referred to 5V st-by)
THON reset
Reset ON Threshold
3.6
3.8
4
V
THOFF reset
Reset OFF Threshold
3.8
4
4.2
V
HYST reset
Reset Threshold Hysteresis
50
100
250
mV
OUT reset
Reset Output Voltage
1.5
V
Ileak
Reset Leakage Current
50
µA
IGNITION
TH ign
Ign Comparator Positive
Threshold
5.5
6.5
7.5
V
HYST ign
Ign Comparator Threshold
Hysteresis
100
300
500
mV
IGN high
Ignition Comparator Output High
3.5
Vst-by
V
18.5K
D95AU402
2.1K
20K
10K
PIN 1: EN 5V
PIN 2: EN 8.25V
6.5K
D95AU403
PIN 4: OUT 16V
CIRCUIT CONFIGURATION - PIN EQUIVALENT CIRCUITS
L4953K
4/8


Similar Part No. - L4953K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
More results

Similar Description - L4953K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4943 STMICROELECTRONICS-L4943 Datasheet
113Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4954 STMICROELECTRONICS-L4954 Datasheet
63Kb / 7P
QUAD MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5956 STMICROELECTRONICS-L5956 Datasheet
231Kb / 16P
Multifunction voltage regulator for car radio
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
Multiple multifunction voltage regulator for car radio
L5959 STMICROELECTRONICS-L5959 Datasheet
201Kb / 19P
Multifunction voltage regulator for car radio
L5956 STMICROELECTRONICS-L5956_11 Datasheet
291Kb / 17P
Multifunction voltage regulator for car radio
L5958 STMICROELECTRONICS-L5958 Datasheet
282Kb / 20P
Multifunction voltage regulator for car radio
July 2010 Rev 1
L5957 STMICROELECTRONICS-L5957 Datasheet
208Kb / 16P
Multifunction voltage regulator for car radio
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com