Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4953K Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4953K
Description  MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4953K Datasheet(HTML) 1 Page - STMicroelectronics

  L4953K Datasheet HTML 1Page - STMicroelectronics L4953K Datasheet HTML 2Page - STMicroelectronics L4953K Datasheet HTML 3Page - STMicroelectronics L4953K Datasheet HTML 4Page - STMicroelectronics L4953K Datasheet HTML 5Page - STMicroelectronics L4953K Datasheet HTML 6Page - STMicroelectronics L4953K Datasheet HTML 7Page - STMicroelectronics L4953K Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
L4953K
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
3 OUTPUTS:
8.25V
(500mA);
5V
(1A);
5V
(100mA)
STANDBY
OUT1 (8.25V) AND OUT2 (5V) WITH INDE-
PENDENT ENABLE CONTROL FOR STAND-
BY MODE
1.5A HIGH SIDE DRIVER WITH CLAMPED
OUTPUT (16V)
LOGIC OUTPUT FOR:
– SUPPLY UNDERVOLTAGE (LVW)
– OVERVOLTAGE (FAULT)
– THERMAL PROTECTION (FAULT)
RESET FUNCTION
IGNITION COMPARATOR
REVERSE BATTERY AND LOAD DUMP
PROTECTION
THERMAL SHUTDOWN
DESCRIPTION
The L4953K contains a triple voltage regulator
and a power switch.
The IC includes a monitoring circuit to warn if a
low voltage or no voltage condition is occuring.
In stand-by output is active as long as possible
even when in thermal shutdown or any other fault
conditions.
The STCAP pin allows the use of a reserve sup-
ply capacitor that will hold enough energy for the
5V Stand-by line to allow the
µP to store data.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
June 2000
®
5V, 100mA
REGULATOR
STAND-BY
LOAD DUMP
AND REV
BATT PROT
REF
GEN
5V, 1000mA
REGULATOR
SWITCHED
8.25V, 500mA
REGULATOR
SWITCHED
16V, 1.5A
VOLTAGE CLAMP
SWITCHED
OVERVOLTAGE
UNDERVOLTAGE
THERMAL PROT
RESET
VCAP
Vref1 LVW THRESHOLD
Vref2 Reset THRESHOLD
IGNITION THRESHOLD
PROT
VS
7
SIG GND
3
EN 5V
1
STCAP
12
EN 8.25V
2
EN 16V
15
11
STAND-BY 5V
9
OUT 5V
10
OUT 8.25V
4
OUT 16V
14
13
6
IGN OUT
LVW/FAULT
RESET
IGN INP
5
D94AU213B
POW GND
8
BLOCK DIAGRAM
Multiwatt 15
ORDERING NUMBER: L4953K
1/8


Similar Part No. - L4953K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
More results

Similar Description - L4953K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4943 STMICROELECTRONICS-L4943 Datasheet
113Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L4954 STMICROELECTRONICS-L4954 Datasheet
63Kb / 7P
QUAD MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5956 STMICROELECTRONICS-L5956 Datasheet
231Kb / 16P
Multifunction voltage regulator for car radio
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
Multiple multifunction voltage regulator for car radio
L5959 STMICROELECTRONICS-L5959 Datasheet
201Kb / 19P
Multifunction voltage regulator for car radio
L5956 STMICROELECTRONICS-L5956_11 Datasheet
291Kb / 17P
Multifunction voltage regulator for car radio
L5958 STMICROELECTRONICS-L5958 Datasheet
282Kb / 20P
Multifunction voltage regulator for car radio
July 2010 Rev 1
L5957 STMICROELECTRONICS-L5957 Datasheet
208Kb / 16P
Multifunction voltage regulator for car radio
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com