Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4948 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L4948
Description  QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4948 Datasheet(HTML) 8 Page - STMicroelectronics

  L4948 Datasheet HTML 1Page - STMicroelectronics L4948 Datasheet HTML 2Page - STMicroelectronics L4948 Datasheet HTML 3Page - STMicroelectronics L4948 Datasheet HTML 4Page - STMicroelectronics L4948 Datasheet HTML 5Page - STMicroelectronics L4948 Datasheet HTML 6Page - STMicroelectronics L4948 Datasheet HTML 7Page - STMicroelectronics L4948 Datasheet HTML 8Page - STMicroelectronics L4948 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Multiwatt11 V
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5
0.197
B
2.65
0.104
C
1.6
0.063
D
1
0.039
E
0.49
0.55
0.019
0.022
F
0.88
0.95
0.035
0.037
G
1.45
1.7
1.95
0.057
0.067
0.077
G1
16.75
17
17.25
0.659
0.669
0.679
H1
19.6
0.772
H2
20.2
0.795
L
21.9
22.2
22.5
0.862
0.874
0.886
L1
21.7
22.1
22.5
0.854
0.87
0.886
L2
17.4
18.1
0.685
0.713
L3
17.25
17.5
17.75
0.679
0.689
0.699
L4
10.3
10.7
10.9
0.406
0.421
0.429
L7
2.65
2.9
0.104
0.114
M
4.25
4.55
4.85
0.167
0.179
0.191
M1
4.73
5.08
5.43
0.186
0.200
0.214
S
1.9
2.6
0.075
0.102
S1
1.9
2.6
0.075
0.102
Dia1
3.65
3.85
0.144
0.152
OUTLINE AND
MECHANICAL DATA
L4948
8/9


Similar Part No. - L4948

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4940 STMICROELECTRONICS-L4940 Datasheet
129Kb / 13P
   VERY LOW DROP 1.5 A REGULATORS
L4940D2T10 STMICROELECTRONICS-L4940D2T10 Datasheet
129Kb / 13P
   VERY LOW DROP 1.5 A REGULATORS
L4940D2T10-TR STMICROELECTRONICS-L4940D2T10-TR Datasheet
1Mb / 23P
   Very low drop 1.5 A regulator
L4940D2T12 STMICROELECTRONICS-L4940D2T12 Datasheet
129Kb / 13P
   VERY LOW DROP 1.5 A REGULATORS
L4940D2T12-TR STMICROELECTRONICS-L4940D2T12-TR Datasheet
1Mb / 23P
   Very low drop 1.5 A regulator
More results

Similar Description - L4948

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4946B STMICROELECTRONICS-L4946B Datasheet
88Kb / 9P
   QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
L4946 STMICROELECTRONICS-L4946 Datasheet
88Kb / 9P
   QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
L4923 STMICROELECTRONICS-L4923 Datasheet
53Kb / 6P
   WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
TDA8139 STMICROELECTRONICS-TDA8139 Datasheet
84Kb / 5P
   5.1V AND ADJUSTABLE VOLTAGE REGULATOR WITH DISABLE AND RESET
logo
ON Semiconductor
NCV7425 ONSEMI-NCV7425 Datasheet
367Kb / 20P
   LIN Transceiver with Voltage Regulator and Reset Pin
May, 2012 ??Rev. 1
logo
STMicroelectronics
LEXX STMICROELECTRONICS-LEXX Datasheet
1Mb / 24P
   Very low-dropout voltage regulator with inhibit function
May 2017 Rev 15
logo
ON Semiconductor
NCV7425 ONSEMI-NCV7425_15 Datasheet
291Kb / 20P
   LIN Transceiver with Voltage Regulator and Reset Pin
May, 2015 ??Rev. 3
logo
TOKO, Inc
TK119XX TOKO-TK119XX Datasheet
134Kb / 23P
   VOLTAGE REGULATOR WITH RESET OUTPUT
logo
STMicroelectronics
LHC4913 STMICROELECTRONICS-LHC4913 Datasheet
77Kb / 6P
   3A POSITIVE LOW DROP VOLTAGE REGULATOR WITH INHIBIT FUNCTION
August 2002
logo
Taiwan Semiconductor Co...
TS2938CS12 TSC-TS2938CS12 Datasheet
102Kb / 6P
   500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com