Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADE7169 Datasheet(PDF) 132 Page - Analog Devices

Part # ADE7169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169 Datasheet(HTML) 132 Page - Analog Devices

Back Button ADE7169 Datasheet HTML 128Page - Analog Devices ADE7169 Datasheet HTML 129Page - Analog Devices ADE7169 Datasheet HTML 130Page - Analog Devices ADE7169 Datasheet HTML 131Page - Analog Devices ADE7169 Datasheet HTML 132Page - Analog Devices ADE7169 Datasheet HTML 133Page - Analog Devices ADE7169 Datasheet HTML 134Page - Analog Devices ADE7169 Datasheet HTML 135Page - Analog Devices ADE7169 Datasheet HTML 136Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 132 of 144
SCLK
SS
DOUT
DIN
DIN1
DIN2
AUTO_SS = 1
SPICONT = 0
SCLK
SS
DOUT
DIN
DIN1
AUTO_SS = 1
SPICONT = 1
DIN2
AUTO_SS = 0
SPICONT = 0
(MANUAL SS CONTROL)
DOUT1
DOUT2
DOUT1
DOUT2
SCLK
SS
DOUT
DIN
DIN1
DIN2
DOUT1
DOUT2
SS (Slave Select Pin)
SS
In SPI slave mode, a transfer is initiated by the assertion of
low. The SPI port then transmits and receives 8-bit data until
the data is concluded by the deassertion of SS according to the
SPICON bit setting. In slave mode, SS is always an input.
In SPI master mode, the SS can be used to control data transfer
to a slave device. In the automatic slave select control mode, the
SS is asserted low to select the slave device and then raised to
deselect the slave device after the transfer is complete. Automatic
slave select control is enabled by setting the AUTO_SS bit in the
SPI Configuration SFR 1 (SPIMOD1, 0xE8).
SS
In a multimaster system, the
can be configured as an input so
that the SPI peripheral can operate as a slave in some situations
and as a master in others. In this case, the slave selects for the
slaves controlled by this SPI peripheral should be generated
with general I/O pins.
SPI MASTER OPERATING MODES
The double buffered receive and transmit registers can be used to
maximize the throughput of the SPI peripheral by continuously
streaming out data in master mode. The continuous transmit mode
is designed to use the full capacity of the SPI. In this mode, the
master transmits and receives data until the SPI/I2C Transmit
Buffer SFR (SPI2CTx, 0x9A) is empty at the start of a byte
transfer. Continuous mode is enabled by setting the SPICONT bit
in the SPI Configuration SFR 2 (SPIMOD2, 0xE9). The SPI
peripheral also offers a single byte read/write function.
In master mode, the type of transfer is handled automatically,
depending on the configuration of the SPICONT bit in the SPI
Configuration SFR 2 (SPIMOD2, 0xE9).
Figure 108. Automatic Chip Select and Continuous Mode Output
Note that reading the content of the SPI/I2C Receive Buffer SFR
(SPI2CRx, 0x9B) should be done using a 2-cycle instruction set
such as MOV A or SPI2CRX. Using a 3-cycle instruction such
as MOV 0x3D or SPI2CRX does not transfer the right
information into the target register.
Table 143 shows the
sequence of events that should be performed for each master
operating mode. Based on the SS configuration, some of these
events take place automatically.
Figure 108 shows the SPI output for certain automatic chip select
and continuous mode selections. Note that if the continuous mode
is not used, a short delay is inserted between transfers.
Table 143. Procedures for Using SPI as a Master
SPIMOD2[7] =
SPICONT Bit
Mode
Description of Operation
Step 1. Write to SPI2CTx SFR.
Single Byte Write
0
Step 2. SS is asserted low and a write routine is initiated.
Step 3. SPITxIRQ interrupt flag is set when the SPI2CTx register is empty.
Step 4. SS is deasserted high.
Step 5. Write to SPI2CTx SFR to clear the SPITxIRQ interrupt flag.
Step 1. Write to SPI2CTx SFR.
Continuous
1
Step 2. SS is asserted low and write routine is initiated.
Step 3. Wait for the SPITxIRQ interrupt flag to write to SPI2CTx SFR.
Transfer continues until the SPI2CTx register and transmit shift registers are empty.
Step 4. SPITxIRQ interrupt flag is set when the SPI2CTx register is empty.
Step 5. SS is deasserted high.
Step 6. Write to SPI2CTx SFR to clear the SPITxIRQ interrupt flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com