![]() |
Electronic Components Datasheet Search |
|
L4931 Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
L4931 Datasheet(HTML) 2 Page - STMicroelectronics |
2 / 29 page ![]() L4931 SERIES 2/29 ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. THERMAL DATA (*) Considering 6 cm2 of copper board heat-sink CONNECTION DIAGRAM (top view) Symbol Parameter Value Unit VI DC Input Voltage 20 V IO Output Current Internally Limited Ptot Power Dissipation Internally Limited Tstg Storage Temperature Range -40 to 150 °C Top Operating Junction Temperature Range -40 to 125 °C Symbol Parameter TO-220 SO-8 DPAK PPAK TO-92 Unit Rthj-case Thermal Resistance Junction-case 3208 8 °C/W Rthj-amb Thermal Resistance Junction-ambient 50 55(*) 100 100 200 °C/W TO-220 SO-8 DPAK PIN 1 = VOUT PIN 2 = GND PIN 3 = VIN PPAK BOTTOM VIEW TO-92 |
Similar Part No. - L4931 |
|
Similar Description - L4931 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |