Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4931 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4931
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4931 Datasheet(HTML) 1 Page - STMicroelectronics

  L4931 Datasheet HTML 1Page - STMicroelectronics L4931 Datasheet HTML 2Page - STMicroelectronics L4931 Datasheet HTML 3Page - STMicroelectronics L4931 Datasheet HTML 4Page - STMicroelectronics L4931 Datasheet HTML 5Page - STMicroelectronics L4931 Datasheet HTML 6Page - STMicroelectronics L4931 Datasheet HTML 7Page - STMicroelectronics L4931 Datasheet HTML 8Page - STMicroelectronics L4931 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1/29
January 2004
s
VERY LOW DROPOUT VOLTAGE (0.4V)
s
VERY LOW QUIESCENT CURRENT
(TYP. 50 µA IN OFF MODE, 600µA IN ON
MODE)
s
OUTPUT CURRENT UP TO 250 mA
s
LOGIC-CONTROLLED ELECTRONIC
SHUTDOWN
s
OUTPUT VOLTAGES OF 1.25; 1.5; 2.5; 2.7;
3; 3.3; 3.5; 4; 4.5; 4.7; 5; 5.2; 5.5; 6; 8; 12V
s
INTERNAL CURRENT AND THERMAL LIMIT
s
ONLY 2.2µF FOR STABILITY
s
AVAILABLE IN ± 1% (AB) OR 2% (C)
SELECTION AT 25°C
s
SUPPLY VOLTAGE REJECTION: 70db TYP.
FOR 5V VERSION
s
TEMPERATURE RANGE: -40 TO 125°C
DESCRIPTION
The L4931 series are very Low Drop regulators
available in TO-220, SO-8, DPAK, PPAK and
TO-92 packages and in a wide range of output
voltages.
The very Low Drop voltage (0.4V) and the very
low quiescent current make them particularly
suitable for Low Noise, Low Power applications
and specially in battery powered systems.
In PPAK and SO-8 packages a Shutdown Logic
Control function is available TTL compatible. This
means that when the device is used as a local
regulator, it is possible to put a part of the board in
standby, decreasing the total power consumption.
It requires only a 2.2 µF capacitor for stability
allowing space and cost saving.
L4931
SERIES
VERY LOW DROP
VOLTAGE REGULATORS WITH INHIBIT
SCHEMATIC DIAGRAM
TO-220
SO-8
TO-92
DPAK
PPAK


Similar Part No. - L4931

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4931ABD120TR STMICROELECTRONICS-L4931ABD120TR Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
L4931ABD33-TR STMICROELECTRONICS-L4931ABD33-TR Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
L4931ABD35-TR STMICROELECTRONICS-L4931ABD35-TR Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
L4931ABD35-TRY STMICROELECTRONICS-L4931ABD35-TRY Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
L4931ABD50-TR STMICROELECTRONICS-L4931ABD50-TR Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
More results

Similar Description - L4931

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
Very low drop voltage regulators with inhibit
July 2008 Rev 12
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
LD2981 STMICROELECTRONICS-LD2981 Datasheet
414Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LE00AB STMICROELECTRONICS-LE00AB Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com