Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN0013 Datasheet(PDF) 1 Page - RF Micro Devices

Part # AN0013
Description  NBB Series and NDA Series Reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

AN0013 Datasheet(HTML) 1 Page - RF Micro Devices

  AN0013 Datasheet HTML 1Page - RF Micro Devices AN0013 Datasheet HTML 2Page - RF Micro Devices AN0013 Datasheet HTML 3Page - RF Micro Devices AN0013 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
15-29
15
Copyright 1997-2002 RF Micro Devices, Inc.
This application note provides additional information on component reliability with varying device junction temperature,
and the effect of the package used on junction temperature. This information is provided for the NBB Series HBT Broad-
band Feedback Amplifiers and NDA Series HBT Distributed Amplifiers.
Device Reliability
RFMD uses an industry-proven, high-performance, high-reliability gallium indium phosphide on gallium arsenide (InGaP/
GaAs) heterojunction bipolar transistor (HBT) technology for its NBB series and NDA series broadband amplifiers.
This process has completed in excess of 1 million device hours of accelerated life testing. The test device used has two
emitter fingers of size 3
µm by 20µm. The device was operated at 3V and with a current density of 25KA/cm2. The test
device is of comparable size to device sizes in the NBB series and NDA series of components. Additionally, the operating
point, both of voltage and current, was comparable to the nominal operating point of the device. Testing was performed
at five junction temperature points (257°C, 275°C, 285°C, 300°C and 315°C) with 50 to 100 devices tested at each tem-
perature.
Figure 1 shows the device results with extrapolation of Mean Time to Failure (MTTF) for lower junction temperatures.
Results show that for a device junction temperature of 150°C the mean time to failure is greater than 2 million hours. For
a device junction temperature of 125°C the mean time to failure is 30 million hours.
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
Median Time to Fail (hrs)
1.0E+01 1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
1.0E+08
1.0E+09
25
30
50
100
150
200
250
300
350
Stress Condition :
3V , 25 KA/cm2
Ea = 1.3 eV
MTTF = 3E7 Hrs
@ Tj = 125 C
Figure 1. MTTF for Test Device
NBB Series and NDA Series Reliability
AN0013
AN0013
NBB Series and NDA Series Reliability
15


Similar Part No. - AN0013

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AN001 AIC-AN001 Datasheet
77Kb / 4P
   Using AIC1628
logo
Rosenberger Hochfrequen...
AN001 ROSENBERGER-AN001 Datasheet
575Kb / 3P
   Calibration Adaptor
logo
RF Micro Devices
AN0010 RFMD-AN0010 Datasheet
22Kb / 2P
   Evaluation Board Assembly Biasing Configuration
AN0014 RFMD-AN0014 Datasheet
45Kb / 4P
   Bias Scheme for NBB-Series Amplifiers
AN0015 RFMD-AN0015 Datasheet
47Kb / 6P
   Design of ?쏱I??and ?쏷??Network Attenuators for Inter-Stage Buffering
More results

Similar Description - AN0013

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0014 RFMD-AN0014 Datasheet
45Kb / 4P
   Bias Scheme for NBB-Series Amplifiers
logo
Unisonic Technologies
L8200 UTC-L8200 Datasheet
194Kb / 6P
   CONFIDENTIAL, SUPPLIDE UNDE NDA SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
logo
Lumileds Lighting Compa...
DS125 LUMILEDS-DS125 Datasheet
1Mb / 15P
   Homogeneity and reliability
logo
Rohm
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
logo
Lumileds Lighting Compa...
DS127 LUMILEDS-DS127 Datasheet
1Mb / 16P
   Reliability and robustness
logo
TDK Electronics
AEC-Q200 TDK-AEC-Q200 Datasheet
1Mb / 12P
   CGJ series l High Reliability Series
logo
Sparkle Power Inc.
FSP036-RAC SPI-FSP036-RAC Datasheet
62Kb / 1P
   High efficiency and reliability
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
   High reliability and stability.
logo
Sparkle Power Inc.
FSP065-REB SPI-FSP065-REB Datasheet
56Kb / 1P
   High efficiency and reliability
logo
WALSIN TECHNOLOGY CORPO...
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
   High reliability and stability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com