Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN0013 Datasheet(PDF) 4 Page - RF Micro Devices

Part # AN0013
Description  NBB Series and NDA Series Reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

AN0013 Datasheet(HTML) 4 Page - RF Micro Devices

  AN0013 Datasheet HTML 1Page - RF Micro Devices AN0013 Datasheet HTML 2Page - RF Micro Devices AN0013 Datasheet HTML 3Page - RF Micro Devices AN0013 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
15-32
AN0013
15
Copyright 1997-2002 RF Micro Devices, Inc.
Note there is significant temperature rise from the baseplate temperature under nominal operating condition. This rise is
of the order of 30°C to 55°C above the baseplate temperature (85°C), depending on the device.
Additionally, the MPGA package style provides improved thermal performance. Device junction temperatures for NBB
parts tested in the MPGA package styles show a reduced junction temperature.
In conclusion, all NBB series and NDA series packaged parts operated at nominal bias with a baseplate temperature of
85°C (maximum recommended baseplate temperature) show an average junction temperature well below the 150°C rec-
ommended device junction temperature limit. Hence all NBB series and NDA series packaged parts provide a mean time
to failure greater than 1 million hours under these conditions.


Similar Part No. - AN0013

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AN001 AIC-AN001 Datasheet
77Kb / 4P
   Using AIC1628
logo
Rosenberger Hochfrequen...
AN001 ROSENBERGER-AN001 Datasheet
575Kb / 3P
   Calibration Adaptor
logo
RF Micro Devices
AN0010 RFMD-AN0010 Datasheet
22Kb / 2P
   Evaluation Board Assembly Biasing Configuration
AN0014 RFMD-AN0014 Datasheet
45Kb / 4P
   Bias Scheme for NBB-Series Amplifiers
AN0015 RFMD-AN0015 Datasheet
47Kb / 6P
   Design of ?쏱I??and ?쏷??Network Attenuators for Inter-Stage Buffering
More results

Similar Description - AN0013

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0014 RFMD-AN0014 Datasheet
45Kb / 4P
   Bias Scheme for NBB-Series Amplifiers
logo
Unisonic Technologies
L8200 UTC-L8200 Datasheet
194Kb / 6P
   CONFIDENTIAL, SUPPLIDE UNDE NDA SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
logo
Lumileds Lighting Compa...
DS125 LUMILEDS-DS125 Datasheet
1Mb / 15P
   Homogeneity and reliability
logo
Rohm
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
logo
Lumileds Lighting Compa...
DS127 LUMILEDS-DS127 Datasheet
1Mb / 16P
   Reliability and robustness
logo
TDK Electronics
AEC-Q200 TDK-AEC-Q200 Datasheet
1Mb / 12P
   CGJ series l High Reliability Series
logo
Sparkle Power Inc.
FSP036-RAC SPI-FSP036-RAC Datasheet
62Kb / 1P
   High efficiency and reliability
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
   High reliability and stability.
logo
Sparkle Power Inc.
FSP065-REB SPI-FSP065-REB Datasheet
56Kb / 1P
   High efficiency and reliability
logo
WALSIN TECHNOLOGY CORPO...
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
   High reliability and stability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com