Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-7760A51XX-TCT1G Datasheet(PDF) 30 Page - Seiko Instruments Inc

Part # S-7760A51XX-TCT1G
Description  PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-7760A51XX-TCT1G Datasheet(HTML) 30 Page - Seiko Instruments Inc

Back Button S-7760A51XX-TCT1G Datasheet HTML 26Page - Seiko Instruments Inc S-7760A51XX-TCT1G Datasheet HTML 27Page - Seiko Instruments Inc S-7760A51XX-TCT1G Datasheet HTML 28Page - Seiko Instruments Inc S-7760A51XX-TCT1G Datasheet HTML 29Page - Seiko Instruments Inc S-7760A51XX-TCT1G Datasheet HTML 30Page - Seiko Instruments Inc S-7760A51XX-TCT1G Datasheet HTML 31Page - Seiko Instruments Inc S-7760A51XX-TCT1G Datasheet HTML 32Page - Seiko Instruments Inc S-7760A51XX-TCT1G Datasheet HTML 33Page - Seiko Instruments Inc S-7760A51XX-TCT1G Datasheet HTML 34Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S-7760A
Rev.1.3_00
Seiko Instruments Inc.
30
3. Acknowledgment check
The I
2C-bus protocol includes an acknowledgment check function as a handshake function to prevent a
communication error. This function allows detection of a communication failure during data communication between
the master device and the S-7760A.
4. Built-in power-on-clear circuit
The S-7760A has a built-in power-on-clear circuit that initializes itself at the same time during power-on. Unsuccessful
initialization may cause a malfunction. To operate the power-on-clear circuit normally, the following conditions must be
satisfied to raise the power supply voltage.
4. 1 Raising power supply voltage
As shown in Figure 33, raise the power supply voltage from 0.2 V max., within the time defined as tRISE which is the
time required to reach the power supply voltage to be set.
For example, if the power supply voltage is 3.0 V, tRISE = 100 ms as seen in Figure 34. The power supply voltage
must be raised within 100 ms.
0.2 V
VINIT (Max.)
tINIT
*2 (Max.)
tRISE (Max.)
Power supply voltage (VCCH)
0 V
*1
*1.
0 V means there is no difference in potential between the VCCH pin and the VSS
pin of the S-7760A.
*2.
tINIT is the time required to initialize the S-7760A. No instructions are accepted
during this time.
Figure 33 Raising Power Supply Voltage


Similar Part No. - S-7760A51XX-TCT1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
S-77100A01-I8T1U4 ABLIC-S-77100A01-I8T1U4 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100AXX-I8T1U4 SII-S-77100AXX-I8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
S-77100AXX-T8T1U4 SII-S-77100AXX-T8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
More results

Similar Description - S-7760A51XX-TCT1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-7750C SII-S-7750C Datasheet
661Kb / 44P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S7760A SII-S7760A Datasheet
3Mb / 54P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
logo
Moxa Inc.
4530 MOXA-4530 Datasheet
3Mb / 6P
   Advanced modular controller with built-in serial port
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
   8-bit port expander with advanced touchscreen controller
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
   8-bit port expander with advanced touch screen controller
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
   OUTPUT PORT EXPANDER
logo
STMicroelectronics
STMPE610 STMICROELECTRONICS-STMPE610 Datasheet
752Kb / 56P
   S-Touch?? advanced touchscreen controller with 6-bit port expander
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
   Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
logo
Microchip Technology
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com