Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-7760A53XX-HCT1 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S-7760A53XX-HCT1
Description  PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-7760A53XX-HCT1 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S-7760A53XX-HCT1 Datasheet HTML 9Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 10Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 11Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 12Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 13Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 14Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 15Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 16Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
Rev.1.3_00
S-7760A
Seiko Instruments Inc.
13
Command
1. Reload
This is a 1-byte command. Users can reload by inputting either of
W
/
R
in 0/1. When inputting this command, the
data corresponding to the E
2PROM is loaded to the register. After completing reload, (if the condition is satisfied), the
timer action starts. The reload command is not accepted during the timer action (from its start to the final invert of
output). Refer to “ Condition to Start Timer” regarding details.
2. Switching access to register/E
2PROM
This is a 1-byte command. The mode is in “register access mode” when this command is
W
/
R
= 0, “E
2PROM
access mode” when this command is
W
/
R
= 1. The register corresponding to the E
2PROM is the one to be
reloaded. In register access mode, only the register is rewritten, the E
2PROM maintains the prior data. In “E2PROM
access mode”, both data in the register and E
2PROM is rewritten.
3. Timer enable register
A timer enable register is a 4-bit register for Write only (it sends back FFh during Read). By setting each bit in the
register in “1”, an oscillation circuit starts, output from the lower 4ch ports (DO3 to 0) invert after the elapsed period
which is set by a timer setting register. This action is called “timer action”. This timer action starts at the point when
receiving TEN0 which is LSB in the register. The bit automatically goes back in “0” after writing “1” in the timer enable
register. Users cannot write in this register during the timer action (from the start to the final invert of output). This
register is not the one to be reloaded, thus it does not have the data which corresponds to the E
2PROM. The option is
available for the condition to start a timer; Condition AND with TIMEN = High, depending on the option. Refer to “
Condition to Start Timer
” regarding details.
B7
LSB
TEN 3
MSB
B6
B5
B4
B3
B2
B1
B0
TEN 2
TEN 1
TEN 0
W
W
W
W
W
W
W
W
Figure 14 Timer Enable Register
0 : Disable to invert output
1 : Enable to invert output


Similar Part No. - S-7760A53XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
S-77100A01-I8T1U4 ABLIC-S-77100A01-I8T1U4 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100AXX-I8T1U4 SII-S-77100AXX-I8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
S-77100AXX-T8T1U4 SII-S-77100AXX-T8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
More results

Similar Description - S-7760A53XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-7750C SII-S-7750C Datasheet
661Kb / 44P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S7760A SII-S7760A Datasheet
3Mb / 54P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
logo
Moxa Inc.
4530 MOXA-4530 Datasheet
3Mb / 6P
   Advanced modular controller with built-in serial port
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
   8-bit port expander with advanced touchscreen controller
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
   8-bit port expander with advanced touch screen controller
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
   OUTPUT PORT EXPANDER
logo
STMicroelectronics
STMPE610 STMICROELECTRONICS-STMPE610 Datasheet
752Kb / 56P
   S-Touch?? advanced touchscreen controller with 6-bit port expander
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
   Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
logo
Microchip Technology
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com