Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-7760A53XX-HCT1 Datasheet(PDF) 40 Page - Seiko Instruments Inc

Part # S-7760A53XX-HCT1
Description  PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-7760A53XX-HCT1 Datasheet(HTML) 40 Page - Seiko Instruments Inc

Back Button S-7760A53XX-HCT1 Datasheet HTML 36Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 37Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 38Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 39Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 40Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 41Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 42Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 43Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 44Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S-7760A
Rev.1.3_00
Seiko Instruments Inc.
40
Characteristics (Typical Data)
1. DC Characteristics
1. 1 Current consumption (READ) ICC1
1. 2 Current consumption (READ) ICC1
vs. Ambient temperature Ta
vs. Ambient temperature Ta
0.1
0.2
0.3
0.4
0
−50
0
50
100
Ta [
°C]
VCCH = 4.5 V
fSCL = 400 kHz
0.1
0.2
0.3
0.4
0
−50
0
50
100
Ta [
°C]
VCCH = 3.0 V
fSCL = 400 kHz
1. 3 Current consumption (READ) ICC1
1. 4 Current consumption (READ) ICC1
vs. Ambient temperature Ta
vs. Power supply voltage VCCH
0.1
0.2
0.3
0.4
0
−50
0
50
100
Ta [
°C]
VCCH = 2.3 V
fSCL = 400 kHz
0.1
0.2
0.3
0
2.0
3.0
4.0
5.0
VCCH [V]
Ta = 25
°C
fSCL = 400 kHz
1. 5 Current consumption (PROGRAM) ICC2
1. 6 Current consumption (PROGRAM) ICC2
vs. Ambient temperature Ta
vs. Ambient temperature Ta
0.1
0.2
0.3
0
−50
0
50
100
Ta [
°C]
VCCH = 4.5 V
0.1
0.2
0.3
0
−50
0
50
100
Ta [
°C]
VCCH = 3.0 V


Similar Part No. - S-7760A53XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
S-77100A01-I8T1U4 ABLIC-S-77100A01-I8T1U4 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100AXX-I8T1U4 SII-S-77100AXX-I8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
S-77100AXX-T8T1U4 SII-S-77100AXX-T8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
More results

Similar Description - S-7760A53XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-7750C SII-S-7750C Datasheet
661Kb / 44P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S7760A SII-S7760A Datasheet
3Mb / 54P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
logo
Moxa Inc.
4530 MOXA-4530 Datasheet
3Mb / 6P
   Advanced modular controller with built-in serial port
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
   8-bit port expander with advanced touchscreen controller
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
   8-bit port expander with advanced touch screen controller
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
   OUTPUT PORT EXPANDER
logo
STMicroelectronics
STMPE610 STMICROELECTRONICS-STMPE610 Datasheet
752Kb / 56P
   S-Touch?? advanced touchscreen controller with 6-bit port expander
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
   Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
logo
Microchip Technology
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com