Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-7760A53XX-HCT1 Datasheet(PDF) 37 Page - Seiko Instruments Inc

Part # S-7760A53XX-HCT1
Description  PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-7760A53XX-HCT1 Datasheet(HTML) 37 Page - Seiko Instruments Inc

Back Button S-7760A53XX-HCT1 Datasheet HTML 33Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 34Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 35Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 36Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 37Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 38Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 39Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 40Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 41Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
Rev.1.3_00
S-7760A
Seiko Instruments Inc.
37
Option Format
Please fill in check in this table and send to our sales office when you order the option.
Item
No.
Option
Fill in check
here
Opt10
0,0,0
Opt11
0,0,1
Opt12
0,1,0
Opt13
0,1,1
Opt14
1,0,0
Opt15
1,0,1
Opt16
1,1,0
Device code
DC2 to 0
Opt17
1,1,1
Opt20
Using an internal oscillation circuit
Oscillation clock
Opt21
Using an external oscillation circuit
Opt30
T’
× 1 , T’ × 64
Delay time and timer
scale
Opt31
T’
× 2 , T’ × 128
Opt40
TIMEN
Pin function Option 1
Opt41
RESX
Opt50
CLK
Pin function Option 2
Opt51
BPDX
Opt60
(Power on and TIMEN = “H”) or
(TIMEN = “L” to “H”) or
(TEN0 = 0 to 1 and TIMEN = “H”)
DO0 condition to start
timer
Opt61
TEN0 = 0 to 1
Opt70
(Power on and TIMEN = “H”) or
(TIMEN = “L” to “H”) or
(TEN1 = 0 to 1 and TIMEN = “H”)
DO1 condition to start
timer
Opt71
TEN1 = 0 to 1
Opt80
(Power on and TIMEN = “H”) or
(TIMEN = “L” to “H”) or
(TEN2 = 0 to 1 and TIMEN = “H”)
DO2 condition to start
timer
Opt81
TEN2 = 0 to 1
Opt90
(Power on and TIMEN = “H”) or
(TIMEN = “L” to “H”) or
(TEN3 = 0 to 1 and TIMEN = “H”)
DO3 condition to start
timer
Opt91
TEN3 = 0 to 1
Opt100
CMOS input type
High/low leveled input
voltage for pin
Opt101
Low voltage input type


Similar Part No. - S-7760A53XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
S-77100A01-I8T1U4 ABLIC-S-77100A01-I8T1U4 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100AXX-I8T1U4 SII-S-77100AXX-I8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
S-77100AXX-T8T1U4 SII-S-77100AXX-T8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
More results

Similar Description - S-7760A53XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-7750C SII-S-7750C Datasheet
661Kb / 44P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S7760A SII-S7760A Datasheet
3Mb / 54P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
logo
Moxa Inc.
4530 MOXA-4530 Datasheet
3Mb / 6P
   Advanced modular controller with built-in serial port
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
   8-bit port expander with advanced touchscreen controller
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
   8-bit port expander with advanced touch screen controller
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
   OUTPUT PORT EXPANDER
logo
STMicroelectronics
STMPE610 STMICROELECTRONICS-STMPE610 Datasheet
752Kb / 56P
   S-Touch?? advanced touchscreen controller with 6-bit port expander
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
   Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
logo
Microchip Technology
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com