Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-7760A53XX-HCT1 Datasheet(PDF) 29 Page - Seiko Instruments Inc

Part # S-7760A53XX-HCT1
Description  PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-7760A53XX-HCT1 Datasheet(HTML) 29 Page - Seiko Instruments Inc

Back Button S-7760A53XX-HCT1 Datasheet HTML 25Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 26Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 27Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 28Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 29Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 30Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 31Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 32Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 33Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
Rev.1.3_00
S-7760A
Seiko Instruments Inc.
29
How to Use S-7760A
1. SDA I/O pin and SCL input pin
In consideration of I
2C-bus protocol function, the SDA I/O and SCL input pins*1 should be connected with a pull-up
resister of 1 to 5 k
Ω.
The S-7760A cannot transmit normally without using a pull-up resistor.
*1.
In the case that the SCL input pin of the S-7760A is connected to the tri-state output pin in the master device,
connect the SCL input pin with a pull-up resistor as well in order not to set the SCL input pin in high impedance.
This prevents the S-7760A from error caused by high impedance from the tri-state pin when resetting the master
device during the voltage drop.
The bus pull-down function is available for S-7760A by option because it is assumed that the pull-up power supply
may be in high impedance depending on case. Except for this IC, if users do not have an element to fix the potentials
of SDA and SCL pins, set BPDX in “L” output in order to pull down the SDA and SCL pins.
2. Reset after transmission interruption
This IC does not have a pin to reset, but it generally resets the internal circuit by inputting a stop or start condition.
However, in case that transmission is interrupted, for example, only the master device is reset because the power
supply voltage drops during transmission; the internal circuit maintains the status before interruption. If the status is
that the SDA pin outputs “L” (outputs an acknowledge signal or in Read), this IC does not perform the next operation
because it cannot receive a start or stop condition from the master device. Therefore it is necessary to finish
outputting an acknowledgment signal and the Read operation in SDA. Figure 32 shows how to reset.
First, input a start condition. (While the SDA pin is outputting “L”, the S-7760A does not go in the start condition but
this “L” output does not affect on the slave device.) Next, input clock (27 clocks) which is equivalent to 3-byte data
access from the SCL pin. During this procedure, pull up the SDA line which is connected closer to the master device.
Due to this, the SDA pin’s I/O prior to transmission interruption ends so that the SDA pin goes in “H”. After that, by
inputting a stop condition, the S-7760A returns to the status possible to perform the general transmission. It is
recommended to perform this reset when you initialize, after power-on the master device. A circuit for prevention
malfunction by a low power supply voltage is equipped in this IC, thus it automatically resets internally when a low
voltage is applied to this IC.
Start
Condition
Stop
Condition
Clock equivalent to 3-byte data access
1
2
26
27
8
9
SCL
SDA
Master
SDA
Slave
“L” or
“High-Z”
“L” or
“High-Z”
“L” or
“High-Z”
“High-Z”
“High-Z”
“High-Z”
Figure 32 How to Reset S-7760A


Similar Part No. - S-7760A53XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
POWER SEQUENCER
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
POWER SEQUENCER
Rev.1.0_02
S-77100A01-I8T1U4 ABLIC-S-77100A01-I8T1U4 Datasheet
2Mb / 40P
POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100AXX-I8T1U4 SII-S-77100AXX-I8T1U4 Datasheet
4Mb / 40P
POWER SEQUENCER
S-77100AXX-T8T1U4 SII-S-77100AXX-T8T1U4 Datasheet
4Mb / 40P
POWER SEQUENCER
More results

Similar Description - S-7760A53XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-7750C SII-S-7750C Datasheet
661Kb / 44P
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S7760A SII-S7760A Datasheet
3Mb / 54P
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
logo
Moxa Inc.
4530 MOXA-4530 Datasheet
3Mb / 6P
Advanced modular controller with built-in serial port
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
8-bit port expander with advanced touchscreen controller
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
8-bit port expander with advanced touch screen controller
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
OUTPUT PORT EXPANDER
logo
STMicroelectronics
STMPE610 STMICROELECTRONICS-STMPE610 Datasheet
752Kb / 56P
S-Touch?? advanced touchscreen controller with 6-bit port expander
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
Micro Port Saver E2PROM
logo
Microchip Technology
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com