Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-7760A53XX-HCT1 Datasheet(PDF) 24 Page - Seiko Instruments Inc

Part # S-7760A53XX-HCT1
Description  PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-7760A53XX-HCT1 Datasheet(HTML) 24 Page - Seiko Instruments Inc

Back Button S-7760A53XX-HCT1 Datasheet HTML 20Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 21Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 22Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 23Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 24Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 25Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 26Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 27Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 28Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S-7760A
Rev.1.3_00
Seiko Instruments Inc.
24
6. Write operation
6. 1 Write
When this IC receives the 7-bit device address and the Read/Write instruction code “0” after receiving a start condition,
it generates an acknowledgment signal.
Next, after it receives the 8-bit word address and generates an acknowledgment signal, it receives a stop condition to
finish the Write command.
In the Write operation to the E
2PROM, the Write operation starts with a stop condition, the S-7760A finishes it after the
period to Write (max. 5 ms) has elapsed. During Write to the E
2PROM, all operations are inhibited to be performed
and the S-7760A does not send back any acknowledgment signals for command inputs.
C2 C1 C0
S
T
A
R
T
W
R
I
T
E
DEVICE
ADDRESS
R
/
W
M
S
B
SDA LINE
A
C
K
L
S
B
0
S
T
O
P
DATA
A
C
K
B7 B6 B5 B4 B3 B2 B1 B0
D
C
0
C3
D
C
1
D
C
2
Figure 27 Write
6. 2 Write Protect
Write protect is available in the S-7760A.
When the WP pin is connected to VCCH, the Write operation in all memory area is inhibited. When the WP pin is
connected to GND, Write protect becomes invalid so that the Write operation in all memory area is accepted.
Fix the WP pin during the period; from rising of SCL at installing the last bit in Write data until the completion of Write
period (max. 5 ms).
Written data in the address is not assured if the condition of the WP pin is changed during this period. Be sure to
connect the WP pin to GND when you don’t use Write Protect. Write Protect is valid in the range of power supply
voltage.
SDA
WP
SCL
Acknowledgment
signal
Period to fix WP pin
Stop
Condition
Start
Condition
Write Data
tWR
B0
Figure 28 Period to Fix WP Pin


Similar Part No. - S-7760A53XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
S-77100A01-I8T1U4 ABLIC-S-77100A01-I8T1U4 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100AXX-I8T1U4 SII-S-77100AXX-I8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
S-77100AXX-T8T1U4 SII-S-77100AXX-T8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
More results

Similar Description - S-7760A53XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-7750C SII-S-7750C Datasheet
661Kb / 44P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S7760A SII-S7760A Datasheet
3Mb / 54P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
logo
Moxa Inc.
4530 MOXA-4530 Datasheet
3Mb / 6P
   Advanced modular controller with built-in serial port
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
   8-bit port expander with advanced touchscreen controller
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
   8-bit port expander with advanced touch screen controller
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
   OUTPUT PORT EXPANDER
logo
STMicroelectronics
STMPE610 STMICROELECTRONICS-STMPE610 Datasheet
752Kb / 56P
   S-Touch?? advanced touchscreen controller with 6-bit port expander
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
   Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
logo
Microchip Technology
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com