Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-7760A53XX-HCT1 Datasheet(PDF) 18 Page - Seiko Instruments Inc

Part # S-7760A53XX-HCT1
Description  PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-7760A53XX-HCT1 Datasheet(HTML) 18 Page - Seiko Instruments Inc

Back Button S-7760A53XX-HCT1 Datasheet HTML 14Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 15Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 16Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 17Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 18Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 19Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 20Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 21Page - Seiko Instruments Inc S-7760A53XX-HCT1 Datasheet HTML 22Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S-7760A
Rev.1.3_00
Seiko Instruments Inc.
18
Timing of Data Loading from E2PROM and Timer Action
The example of timing chart of data loading from the E
2PROM and timer action is shown in Figure 19 and 20.
Set VCCH
≥ 2.5 V when rising VCCH and TIMEN simultaneously.
Signal of low power
supply voltage
detection
2.05 V Typ.
Oscillation circuit
EN
DO3 pin
(When E
2PROM
CTR3 = 0)
TIMEN pin
Start of timer action by Write in
timer enable register
Start of timer action by setting
TIMEN pin “L”
→ “H”
Start of timer action due to power-on
CTR3 register
(When E
2PROM
CTR3 = 0)
*1. A period to define data is; the loading period from E
2PROM + the period to stabilize output from DO7 to 0 pin = within
100
µs.
DO2 pin
(When E
2PROM
CTR2 = 1)
CTR2 register
(When E
2PROM
CTR2 = 1)
Reload starts
Reload starts
Data loading
Period to define data
*1
Delay time by timer setting with DO3
Time out
Time out
Time out
Power supply voltage
VCCH / VCCL
Delay time by timer setting with DO2
Delay time by timer setting with DO3
Delay time by timer setting with DO3
Delay time by timer setting with DO2
Delay time by timer setting with DO2
Figure 19 Data Loading and Timer Action Example 1


Similar Part No. - S-7760A53XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
POWER SEQUENCER
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
POWER SEQUENCER
Rev.1.0_02
S-77100A01-I8T1U4 ABLIC-S-77100A01-I8T1U4 Datasheet
2Mb / 40P
POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100AXX-I8T1U4 SII-S-77100AXX-I8T1U4 Datasheet
4Mb / 40P
POWER SEQUENCER
S-77100AXX-T8T1U4 SII-S-77100AXX-T8T1U4 Datasheet
4Mb / 40P
POWER SEQUENCER
More results

Similar Description - S-7760A53XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
Micro Port Saver E2PROM
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
OUTPUT PORT EXPANDER
logo
Seiko Instruments Inc
S-7750C SII-S-7750C Datasheet
661Kb / 44P
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
8-bit port expander with advanced touch screen controller
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
8-bit port expander with advanced touchscreen controller
STMPE610 STMICROELECTRONICS-STMPE610 Datasheet
752Kb / 56P
S-Touch?? advanced touchscreen controller with 6-bit port expander
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
logo
Microchip Technology
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
logo
Seiko Instruments Inc
S7760A SII-S7760A Datasheet
3Mb / 54P
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
logo
Moxa Inc.
4530 MOXA-4530 Datasheet
3Mb / 6P
Advanced modular controller with built-in serial port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com