Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-7760A00XX-HCT1 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S-7760A00XX-HCT1
Description  PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-7760A00XX-HCT1 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S-7760A00XX-HCT1 Datasheet HTML 8Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 9Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 10Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 11Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 12Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 13Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 14Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 15Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S-7760A
Rev.1.3_00
Seiko Instruments Inc.
12
Configuration of Command
Table 12 List of Command
Data
Command
C3
C2
C1
C0
W
/
R
B7
B6
B5
B4
B3
B2
B1
B0
Reload
0
0
0
0
W
/
R
*1
Switching access to register/E
2PROM
0
0
0
1
*2
Timer enable register
0
0
1
0
W
TEN3 TEN2 TEN1 TEN0
Do not use (Do not access)
0
0
1
1
Do not use (Do not access)
0
1
0
0
Control port
0
1
0
1
W
/
R
*3
CTR7 CTR6 CTR5 CTR4 CTR3 CTR2 CTR1 CTR0
Setting for timer scale
0
1
1
0
W
/
R
*3
TS7
TS6
TS5
TS4
TS3
TS2
TS1
TS0
Do not use (Do not access)
0
1
1
1
Timer setting for DO0
1
0
0
0
W
/
R
*3
8×T
7×T
6×T
5×T
4×T
3×T 2×T
1×T
Timer setting for DO1
1
0
0
1
W
/
R
*3
8×T
7×T
6×T
5×T
4×T
3×T 2×T
1×T
Timer setting for DO2
1
0
1
0
W
/
R
*3
8×T
7×T
6×T
5×T
4×T
3×T 2×T
1×T
Timer setting for DO3
1
0
1
1
W
/
R
*3
8×T
7×T
6×T
5×T
4×T
3×T 2×T
1×T
Do not use (Do not access)
1
1
0
0
Do not use (Do not access)
1
1
0
1
Do not use (Do not access)
1
1
1
0
Do not use (Do not access)
1
1
1
1
*1.
W
/
R
= 1/0 Both execute “reload”.
*2.
It is register access mode when
W
/
R
= 0, E
2PROM access mode when
W
/
R
= 1.
*3.
By Switching access to register/E
2PROM, users can select either register or E2PROM when Read/Write. Refer to “
Register and E
2PROM”.
Register and E2PROM
This IC has an E
2PROM. Data in the E2PROM is maintained despite power-off. The S-7760A has a register which
corresponds to the data in the E
2PROM, the S-7760A sends data to this corresponding register during power-on
(releasing detection of the low voltage) and inputting the reload command. In case of selecting the RESX pin by option,
the S-7760A reloads after releasing reset. The following registers are the ones to be reloaded;
Control port register (1-byte)
Timer scale setting register (1-byte)
DO3 to 0 Timer setting register (1-byte in each port, total 4 bytes)
Users are able to switch access between corresponding register and E
2PROM by “Switching access to register/E2PROM”
command. Immediately after power-on, the S-7760A is in “register access mode”. In this register access mode, only the
register is rewritten, the E
2PROM maintains the prior data. But in “E2PROM access mode”, both data in the register and
the E
2PROM is rewritten. In data Read, access mode data which is being selected by user; is read.


Similar Part No. - S-7760A00XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
POWER SEQUENCER
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
POWER SEQUENCER
Rev.1.0_02
S-77100A01-I8T1U4 ABLIC-S-77100A01-I8T1U4 Datasheet
2Mb / 40P
POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100AXX-I8T1U4 SII-S-77100AXX-I8T1U4 Datasheet
4Mb / 40P
POWER SEQUENCER
S-77100AXX-T8T1U4 SII-S-77100AXX-T8T1U4 Datasheet
4Mb / 40P
POWER SEQUENCER
More results

Similar Description - S-7760A00XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-7750C SII-S-7750C Datasheet
661Kb / 44P
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S7760A SII-S7760A Datasheet
3Mb / 54P
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
logo
Moxa Inc.
4530 MOXA-4530 Datasheet
3Mb / 6P
Advanced modular controller with built-in serial port
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
8-bit port expander with advanced touchscreen controller
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
8-bit port expander with advanced touch screen controller
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
OUTPUT PORT EXPANDER
logo
STMicroelectronics
STMPE610 STMICROELECTRONICS-STMPE610 Datasheet
752Kb / 56P
S-Touch?? advanced touchscreen controller with 6-bit port expander
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
Micro Port Saver E2PROM
logo
Microchip Technology
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com