Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-7760A00XX-HCT1 Datasheet(PDF) 34 Page - Seiko Instruments Inc

Part # S-7760A00XX-HCT1
Description  PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-7760A00XX-HCT1 Datasheet(HTML) 34 Page - Seiko Instruments Inc

Back Button S-7760A00XX-HCT1 Datasheet HTML 30Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 31Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 32Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 33Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 34Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 35Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 36Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 37Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 38Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S-7760A
Rev.1.3_00
Seiko Instruments Inc.
34
Precautions
• Semiconductor devices must be used within the absolute maximum rating. Special caution is required for the
supply voltage. A momentary surge voltage exceeding the rated value may cause latch-up and malfunction.
Confirm the detailed usage conditions required for each parameter by referring to the data sheet before use.
• If the S-7760A operates with moisture remaining in the circuits, a short circuit may occur between pins, causing a
malfunction. When the S-7760A is taken out of the constant-low-temperature bath during evaluation, the pins of the
S-7760A may be frosted. Note that, if the S-7760A is operated with the pins frosted, the pins may be short-circuited
by moisture, causing a malfunction.
The same applies when the S-7760A is used in an environment where condensation may occur, so care is required.
• Although the IC contains a static electricity protection circuit, static electricity that exceeds the limit of the protection
circuit should not be applied.
• Seiko Instruments Inc. assumes no responsibility for the way in which this IC is used in products created using this
IC or for the specifications of that product, nor does Seiko Instruments Inc. assume any responsibility for any
infringement of patents or copyrights by products that include this IC either in Japan or in other countries.
Precautions for WLP Package
• The device’s silicon substrate side is exposed to the marking side of the device package. Since this portion has a
lower strength against mechanical stress than a standard plastic package, take sufficient care to avoid chips and
cracks when handling the package. Moreover, the exposed side of the silicon has the electrical potential of the
device substrate, and needs to be kept out of contact with the external potential.
• In this package, the transistor area side is overcoated with a translucent resin. Keep in mind that the
characteristics of the package may be affected if the device is exposed under an intensive light source.


Similar Part No. - S-7760A00XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
S-77100A01-I8T1U4 ABLIC-S-77100A01-I8T1U4 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100AXX-I8T1U4 SII-S-77100AXX-I8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
S-77100AXX-T8T1U4 SII-S-77100AXX-T8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
More results

Similar Description - S-7760A00XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-7750C SII-S-7750C Datasheet
661Kb / 44P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S7760A SII-S7760A Datasheet
3Mb / 54P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
logo
Moxa Inc.
4530 MOXA-4530 Datasheet
3Mb / 6P
   Advanced modular controller with built-in serial port
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
   8-bit port expander with advanced touchscreen controller
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
   8-bit port expander with advanced touch screen controller
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
   OUTPUT PORT EXPANDER
logo
STMicroelectronics
STMPE610 STMICROELECTRONICS-STMPE610 Datasheet
752Kb / 56P
   S-Touch?? advanced touchscreen controller with 6-bit port expander
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
   Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
logo
Microchip Technology
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com