![]() |
Electronic Components Datasheet Search |
|
S-7760A00XX-HCT1 Datasheet(PDF) 28 Page - Seiko Instruments Inc |
|
|
S-7760A00XX-HCT1 Datasheet(HTML) 28 Page - Seiko Instruments Inc |
28 / 53 page ![]() PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT) S-7760A Rev.1.3_00 Seiko Instruments Inc. 28 Write Protect Function during the Low Power Supply Voltage The S-7760A has a built-in detection circuit which operates with the low power supply voltage, cancels Write when the power supply voltage drops and power-on. Its detection voltage is 1.75 V (Typ.) and the release voltage is 2.05 V (Typ.), and its hysteresis is approx. 0.3 V. The S-7760A cancels Write by detecting a low power supply voltage when it receives a stop condition. Both in the data transmission and the Write operation, data in the address written during the low power supply voltage is not assured. Release voltage ( +VDET) 2.05 V Typ. Power supply voltage Hysteresis approx. 0.3 V Detection Voltage ( −VDET) 1.75 V Typ. Cancel the Write instruction Figure 31 Operation during Low Power Voltage |
Similar Part No. - S-7760A00XX-HCT1 |
|
Similar Description - S-7760A00XX-HCT1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |