Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-7760A00XX-HCT1 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S-7760A00XX-HCT1
Description  PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-7760A00XX-HCT1 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S-7760A00XX-HCT1 Datasheet HTML 13Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 14Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 15Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 16Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 17Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 18Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 19Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 20Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
Rev.1.3_00
S-7760A
Seiko Instruments Inc.
17
Condition to Start Timer
Table 13 Condition to Start Timer
Option
Condition
Reload
TIMEN Pin
Bit TEN3 to 0
A
Start
→ Finish
“H”
Don’t care
B
Regular status
“L”
→ “H”
Don’t care
1
C
Regular status
“H”
Write “0”
→ “1”
2
D
Regular status
Don’t care
Write “0”
→ “1”
2 types of options are available for the condition to start a timer. Select either for each digital output port DO0 to 3;
if selecting option 1, the condition to start a timer is three, A/B/C.
If in option 2, the condition is D only. In D, the S-7760A does not react to reload and rising of TIMEN. By writing “1” in TEN,
not in TIMEN, the timer starts.
During power-on of power supply VCCH, the S-7760A automatically reloads (transmits data from the E
2PROM to the
register). In this case, TIMEN = “H” and it is in option 1, the S-7760A goes in the timer action after reloading. Thus the
sequential action is; after power-on of power supply VCCH, reload
→ timer. This is as well if the status changed from
detection to release of the low power supply voltage.
The timer action does not stop in the middle of its process even if setting TIMEN in “H”
→ “L” after the timer action has
started. In selecting “the option for internal oscillation circuit”, the oscillation circuit is generally being stopped, but the
oscillation starts when the condition to start a timer matches. And it stops by finishing the timer action (the final invert of
output).


Similar Part No. - S-7760A00XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
S-77100A01-I8T1U4 ABLIC-S-77100A01-I8T1U4 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100AXX-I8T1U4 SII-S-77100AXX-I8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
S-77100AXX-T8T1U4 SII-S-77100AXX-T8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
More results

Similar Description - S-7760A00XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-7750C SII-S-7750C Datasheet
661Kb / 44P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S7760A SII-S7760A Datasheet
3Mb / 54P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
logo
Moxa Inc.
4530 MOXA-4530 Datasheet
3Mb / 6P
   Advanced modular controller with built-in serial port
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
   8-bit port expander with advanced touchscreen controller
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
   8-bit port expander with advanced touch screen controller
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
   OUTPUT PORT EXPANDER
logo
STMicroelectronics
STMPE610 STMICROELECTRONICS-STMPE610 Datasheet
752Kb / 56P
   S-Touch?? advanced touchscreen controller with 6-bit port expander
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
   Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
logo
Microchip Technology
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com