Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-7760A00XX-HCT1 Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # S-7760A00XX-HCT1
Description  PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-7760A00XX-HCT1 Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S-7760A00XX-HCT1 Datasheet HTML 12Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 13Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 14Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 15Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 16Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 17Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 18Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 19Page - Seiko Instruments Inc S-7760A00XX-HCT1 Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S-7760A
Rev.1.3_00
Seiko Instruments Inc.
16
In case that users select “delay time option A” and to use an internal oscillation circuit, and if setting “1” in B6 bit in the
D03 timer setting register, “1” in TS3 in the timer scale register, DO3 inverts at delay time of 35
µs (7 × 5 µs). Other
examples are shown in Figure 18.
B7
LSB
MSB
B6
B5
B4
B3
B2
B1
B0
40
µs
35
µs
30
µs
25
µs
20
µs
15
µs
10
µs
5
µs
2.56 ms
2.24 ms
1.92 ms
1.60 ms
1.28 ms
0.96 ms
0.64 ms
0.32 ms
160
µs
140
µs
120
µs
100
µs
80
µs
60
µs
40
µs
20
µs
10.24
ms
8.96 ms
7.68 ms
6.40 ms
5.12 ms
3.84 ms
2.56 ms
1.28 ms
Example 1-1
B7
LSB
MSB
B6
B5
B4
B3
B2
B1
B0
Example 1-2
Example 2-1
Example 2-2
Example 1.
When using an internal CLK
Example 1-1 In case of; Timer scale register “1” (short-time setting), Delay time option “A” (
×1 setting); (T = 5 µs)
Example 1-2 In case of; Timer scale register “0” (long-time setting), Delay time option “A” (
×1 setting); (LT = 320 µs)
Example 2.
When using an external CLK (100 KHz, T’ = 10
µs)
Example 2-1 In case of; Timer scale register “1” (short-time setting), Delay time option “B” (
×2 setting); (T = 2 × T’ = 20 µs)
Example 2-2 In case of; Timer scale register “0” (long-time setting), Delay time option “B” (
×2 setting); (LT = 128 × T’ = 1280 µs)
Figure 18 Example of Using Timer Setting Register 0 to 3


Similar Part No. - S-7760A00XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
S-77100A01-I8T1U4 ABLIC-S-77100A01-I8T1U4 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100AXX-I8T1U4 SII-S-77100AXX-I8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
S-77100AXX-T8T1U4 SII-S-77100AXX-T8T1U4 Datasheet
4Mb / 40P
   POWER SEQUENCER
More results

Similar Description - S-7760A00XX-HCT1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-7750C SII-S-7750C Datasheet
661Kb / 44P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
S7760A SII-S7760A Datasheet
3Mb / 54P
   PROGRAMMABLE PORT CONTROLLER (PORT EXPANDER WITH BUILT-IN E2PROM CIRCUIT)
logo
Moxa Inc.
4530 MOXA-4530 Datasheet
3Mb / 6P
   Advanced modular controller with built-in serial port
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
   8-bit port expander with advanced touchscreen controller
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
   8-bit port expander with advanced touch screen controller
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
   OUTPUT PORT EXPANDER
logo
STMicroelectronics
STMPE610 STMICROELECTRONICS-STMPE610 Datasheet
752Kb / 56P
   S-Touch?? advanced touchscreen controller with 6-bit port expander
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
   Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
logo
Microchip Technology
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com