Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9963E Datasheet(PDF) 107 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 107 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 103Page - STMicroelectronics L9963E Datasheet HTML 104Page - STMicroelectronics L9963E Datasheet HTML 105Page - STMicroelectronics L9963E Datasheet HTML 106Page - STMicroelectronics L9963E Datasheet HTML 107Page - STMicroelectronics L9963E Datasheet HTML 108Page - STMicroelectronics L9963E Datasheet HTML 109Page - STMicroelectronics L9963E Datasheet HTML 110Page - STMicroelectronics L9963E Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 184 page
background image
Register Name
Field name
Description
NCYCLE_CELL_TERM
RW
10
3
0x0
A
Determines Cx open check periodicity
during cyclic executions
See Table 68
NCYCLE_BAL_TERM
RW
7
3
0x0
A
Determines Balancing open check
periodicity during cyclic executions
See Table 68
BAL_TIM_AUTO_PAUSE
RW
6
1
0x0
A
0 → Balancing timer not frozen during
balancing auto pause
1 → Balancing timer frozen during
balancing auto pause
BAL_AUTO_PAUSE
RW
5
1
0x1
A
0 → Balancing auto pause disabled
1 → Balancing auto pause enabled
CYCLIC_UPDATE
RW
4
1
0x0
A
0 → Measurement registers not
updated during cyclic conversions
1 → Measurement registers updated
during cyclic conversions
CROSS_ODD_EVEN_CE
LL
RW
3
1
0x0
B
0 → ADCs not swapped
1 → ADCs swapped
PCB_open_en_odd_curr
RW
2
1
0x0
B
0 → PCB open diagnostic current
disabled on odd cells
1 → PCB open diagnostic current
enabled on odd cells
PCB_open_en_even_curr
RW
1
1
0x0
B
0 → PCB open diagnostic current
disabled on even cells
1 → PCB open diagnostic current
enabled on even cells
Noreg0
RO
0
1
0x0
X
NCYCLE_PROG_2
0xF
VTREF_EN
RW
17
1
0x0
A
0 → VTREF regulator disabled
1 → VTREF regulator enabled
VTREF_DYN_EN
RW
16
1
0x0
A
0 → VTREF regulator always ON
1 → VTREF regulator turned ON only
during Voltage Conversion Routine
NCYCLE_GPIO
RW
13
3
0x0
A
Determines GPIO measurement
periodicity during cyclic executions
See Table 68
NCYCLE_HWSC
RW
10
3
0x0
A
Determines HWSC periodicity during
cyclic executions
See Table 68
Noreg9
RO
9
1
0x0
X
ADC_FILTER_CYCLE
RW
6
3
0x0
A
Determines the filter window used for
cyclic conversion in Normal state.
See Table 39
L9963E
Register map
DS13636 - Rev 12
page 107/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com