Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA58670 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SA58670
Description  2.1 W/channel stereo class-D audio amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA58670 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SA58670 Datasheet HTML 8Page - NXP Semiconductors SA58670 Datasheet HTML 9Page - NXP Semiconductors SA58670 Datasheet HTML 10Page - NXP Semiconductors SA58670 Datasheet HTML 11Page - NXP Semiconductors SA58670 Datasheet HTML 12Page - NXP Semiconductors SA58670 Datasheet HTML 13Page - NXP Semiconductors SA58670 Datasheet HTML 14Page - NXP Semiconductors SA58670 Datasheet HTML 15Page - NXP Semiconductors SA58670 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
SA58670_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 4 January 2008
12 of 25
NXP Semiconductors
SA58670
2.1 W/channel stereo class-D audio amplifier
(1) VDD = 3.6 V; L channel to R channel.
(2) VDD = 3.6 V; R channel to L channel.
(3) VDD = 5.0 V; L channel to R channel.
(4) VDD = 5.0 V; R channel to L channel.
Fig 8.
Crosstalk (stepped all-to-one) as a function of frequency
(1) Left channel.
(2) Right channel.
Fig 9.
Noise output voltage (RMS value) as a function of frequency
001aah495
f (Hz)
103
105
104
−100
−80
−60
αct
(dB)
−120
(3)
(2)
(1)
(4)
f (Hz)
104
10−4
10−5
10−3
10−6
Vn(o)
(V)
102
10
103
(1)
(2)
001aah497


Similar Part No. - SA58670

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670ABS NXP-SA58670ABS Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670BS PHILIPS-SA58670BS Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
More results

Similar Description - SA58670

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58671 NXP-SA58671 Datasheet
188Kb / 24P
   1.2 W/channel stereo class-D audio amplifier
Rev. 02-24 October 2008
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com