Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA58670 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA58670
Description  2.1 W/channel stereo class-D audio amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA58670 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA58670 Datasheet HTML 6Page - NXP Semiconductors SA58670 Datasheet HTML 7Page - NXP Semiconductors SA58670 Datasheet HTML 8Page - NXP Semiconductors SA58670 Datasheet HTML 9Page - NXP Semiconductors SA58670 Datasheet HTML 10Page - NXP Semiconductors SA58670 Datasheet HTML 11Page - NXP Semiconductors SA58670 Datasheet HTML 12Page - NXP Semiconductors SA58670 Datasheet HTML 13Page - NXP Semiconductors SA58670 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
SA58670_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 4 January 2008
10 of 25
NXP Semiconductors
SA58670
2.1 W/channel stereo class-D audio amplifier
(1) Po = 825 mW; Vi = 908.3 mV (RMS).
(2) Po = 550 mW; Vi = 741.6 mV (RMS).
(3) Po = 275 mW; Vi = 524.4 mV (RMS).
a. RL =4 Ω
(1) Po = 560 mW; Vi = 1.058 V (RMS).
(2) Po = 375 mW; Vi = 866 mV (RMS).
(3) Po = 190 mW; Vi = 616.4 mV (RMS).
b. RL =8 Ω
Gv(cl) = 6 dB.
Fig 6.
Total harmonic distortion-plus-noise as a function of frequency; VDD = 3.6 V
001aah490
f (Hz)
10
105
104
102
103
10−1
10−2
1
10−3
THD+N
(%)
(1)
(2)
(3)
001aah491
f (Hz)
10
105
104
102
103
10−1
10−2
1
10−3
THD+N
(%)
(1)
(2)
(3)


Similar Part No. - SA58670

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
167Kb / 25P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670ABS NXP-SA58670ABS Datasheet
169Kb / 24P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670BS PHILIPS-SA58670BS Datasheet
338Kb / 18P
2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
More results

Similar Description - SA58670

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58671 NXP-SA58671 Datasheet
188Kb / 24P
1.2 W/channel stereo class-D audio amplifier
Rev. 02-24 October 2008
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com