Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA58670 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA58670
Description  2.1 W/channel stereo class-D audio amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA58670 Datasheet(HTML) 1 Page - NXP Semiconductors

  SA58670 Datasheet HTML 1Page - NXP Semiconductors SA58670 Datasheet HTML 2Page - NXP Semiconductors SA58670 Datasheet HTML 3Page - NXP Semiconductors SA58670 Datasheet HTML 4Page - NXP Semiconductors SA58670 Datasheet HTML 5Page - NXP Semiconductors SA58670 Datasheet HTML 6Page - NXP Semiconductors SA58670 Datasheet HTML 7Page - NXP Semiconductors SA58670 Datasheet HTML 8Page - NXP Semiconductors SA58670 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1.
General description
The SA58670 is a stereo, filter-free class-D audio amplifier which is available in an
HVQFN20 package with the exposed Die Attach Paddle (DAP).
The SA58670 features independent shutdown controls for each channel. The gain may be
set at 6 dB, 12 dB, 18 dB or 24 dB with gain select pins G0 and G1. Improved immunity to
noise and RF rectification is increased by high PSRR and differential circuit topology. Fast
start-up time and small package makes it an ideal choice for both cellular handsets and
PDAs.
The SA58670 delivers 1.4 W/channel at 5.0 V and 720 mW/channel at 3.6 V into 8
Ω. It
delivers 2.1 W/channel at 5.0 V into 4
Ω. The maximum power efficiency is excellent at
70 % to 74 % into 4
Ω and 84 % to 88 % into 8 Ω. The SA58670 provides thermal and
short-circuit shutdown protection.
2.
Features
I Output power:
N 2.1 W/channel into 4 Ω at 5.0 V
N 1.4 W/channel into 8 Ω at 5.0 V
N 720 mW/channel into 8 Ω at 3.6 V
I Supply voltage: 2.5 V to 5.5 V
I Independent shutdown control for each channel
I Selectable gain: 6 dB, 12 dB, 18 dB and 24 dB
I High SVRR: −77 dB at 217 Hz
I Fast start-up time: 3.5 ms
I Low supply current
I Low shutdown current
I Short-circuit and thermal protection
I Space savings with 4 mm × 4 mm HVQFN20 package
I Low junction to ambient thermal resistance of 24 K/W with exposed DAP
3.
Applications
I Wireless and cellular handset and PDA
I Portable DVD player
I USB speaker
I Notebook PC
I Portable radio and gaming
SA58670
2.1 W/channel stereo class-D audio amplifier
Rev. 01 — 4 January 2008
Product data sheet


Similar Part No. - SA58670

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670ABS NXP-SA58670ABS Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670BS PHILIPS-SA58670BS Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
More results

Similar Description - SA58670

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58671 NXP-SA58671 Datasheet
188Kb / 24P
   1.2 W/channel stereo class-D audio amplifier
Rev. 02-24 October 2008
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com