Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA58670 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA58670
Description  2.1 W/channel stereo class-D audio amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA58670 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA58670 Datasheet HTML 1Page - NXP Semiconductors SA58670 Datasheet HTML 2Page - NXP Semiconductors SA58670 Datasheet HTML 3Page - NXP Semiconductors SA58670 Datasheet HTML 4Page - NXP Semiconductors SA58670 Datasheet HTML 5Page - NXP Semiconductors SA58670 Datasheet HTML 6Page - NXP Semiconductors SA58670 Datasheet HTML 7Page - NXP Semiconductors SA58670 Datasheet HTML 8Page - NXP Semiconductors SA58670 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
SA58670_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 4 January 2008
5 of 25
NXP Semiconductors
SA58670
2.1 W/channel stereo class-D audio amplifier
8.
Static characteristics
[1]
VDD is the supply voltage on pins PVDD and pin AVDD.
GND is the ground supply voltage on pins PGND and pin AGND.
Table 4.
Static characteristics
Tamb =25 °C; unless otherwise specified[1].
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
operating
2.5
-
5.5
V
IDD
supply current
VDD = 2.5 V; no load
-
4
6
mA
VDD = 3.6 V; no load
-
5
7.5
mA
VDD = 5.5 V; no load
-
6
9
mA
PSRR
power supply rejection ratio
VDD = 2.5 V to 5.5 V
-
−75
−55
dB
Vi(cm)
common-mode input voltage
0.5
-
VDD − 0.8
V
CMRR
common mode rejection ratio
inputs are shorted together;
VDD = 2.5 V to 5.5 V
-
−69
−50
dB
IIH
HIGH-level input current
VDD = 5.5 V; VI =VDD
--50
µA
IIL
LOW-level input current
VDD = 5.5 V; VI = 0 V
--5
µA
fsw
switching frequency
VDD = 2.5 V to 5.5 V
250
300
350
kHz
Gv(cl)
closed-loop voltage gain
VG0 = VG1 = 0.35 V
5.5
6
6.5
dB
VG0 = VDD; VG1 = 0.35 V
11.5
12
12.5
dB
VG0 = 0.35 V; VG1 = VDD
17.5
18
18.5
dB
VG0 = VG1 = VDD
23.5
24
24.5
dB
Pins OUTLP, OUTLN, OUTRP and OUTRN
RDSon
drain-source on-state resistance
VDD = 2.5 V
-
700
-
m
VDD = 3.6 V
-
570
-
m
VDD = 5.5 V
-
500
-
m
|VO(offset)| output offset voltage
measured differentially; inputs
AC grounded; Gv(cl) = 6 dB;
VDD = 2.5 V to 5.5 V
-
5
10
mV
Zo(sd)
shutdown mode output impedance VSDR = VSDL = 0.35 V
-
2
-
k
Pins SDL and SDR
VI
input voltage
channel on
-
0.5VDD
-V
channel off
GND
-
0.4
V
II
input current
no input signal; channel off
-
10
1000
nA


Similar Part No. - SA58670

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
167Kb / 25P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670ABS NXP-SA58670ABS Datasheet
169Kb / 24P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670BS PHILIPS-SA58670BS Datasheet
338Kb / 18P
2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
More results

Similar Description - SA58670

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58671 NXP-SA58671 Datasheet
188Kb / 24P
1.2 W/channel stereo class-D audio amplifier
Rev. 02-24 October 2008
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com