Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA58670 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SA58670
Description  2.1 W/channel stereo class-D audio amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA58670 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SA58670 Datasheet HTML 13Page - NXP Semiconductors SA58670 Datasheet HTML 14Page - NXP Semiconductors SA58670 Datasheet HTML 15Page - NXP Semiconductors SA58670 Datasheet HTML 16Page - NXP Semiconductors SA58670 Datasheet HTML 17Page - NXP Semiconductors SA58670 Datasheet HTML 18Page - NXP Semiconductors SA58670 Datasheet HTML 19Page - NXP Semiconductors SA58670 Datasheet HTML 20Page - NXP Semiconductors SA58670 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
SA58670_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 4 January 2008
17 of 25
NXP Semiconductors
SA58670
2.1 W/channel stereo class-D audio amplifier
Since the value of the input decoupling capacitor and the input resistance determined by
the gain setting affects the low frequency performance of the audio amplifier, it is
important to consider this during the system design. Small speakers in wireless and
cellular phones usually do not respond well to low frequency signals, so the 3 dB cut-off
frequency may be increased to block the low frequency signals to the speakers. Not using
input coupling capacitors may increase the output offset voltage.
Equation 2 is solved for Ci:
(2)
11.3 PCB layout considerations
Component location is very important for performance of the SA58670. Place all external
components very close to the SA58670. Placing decoupling capacitors directly at the
power supply voltage pins increases efficiency because the resistance and inductance in
the trace between the SA58670 power supply voltage pins and the decoupling capacitor
causes a loss in power efficiency.
The trace width and routing are also very important for power output and noise
considerations.
For high current pins (PVDD, PGND and audio output), the trace widths should be
maximized to ensure proper performance and output power. Use at least 500
µm wide
traces.
For the input pins (INRP, INRN, INLP and INLN), the traces must be symmetrical and run
side-by-side to maximize common-mode cancellation.
11.4 Filter-free operation and ferrite bead filters
A ferrite bead low-pass filter can be used to reduce radio frequency emissions in
applications that have circuits sensitive to frequencies greater than 1 MHz. A ferrite bead
low-pass filter functions well for amplifiers that must pass FCC unintentional radiation
requirements for frequencies greater than 30 MHz. Choose a bead with high-impedance
at high frequencies and very low-impedance at low frequencies. In order to prevent
distortion of the output signal, select a ferrite bead with adequate current rating.
For applications in which there are circuits that are EMI sensitive to low frequencies
(< 1 MHz) and there are long leads from amplifier to speaker, it is necessary to use an LC
output filter.
Table 6.
Gain selection
G1
G0
Gain (V/V)
Gain (dB)
Input impedance (k
Ω)
LOW
LOW
2
6
28.1
LOW
HIGH
4
12
17.3
HIGH
LOW
8
18
9.8
HIGH
HIGH
16
24
5.2
C
i
1
2
π R
i
×
f
3dB
×
--------------------------------------
=


Similar Part No. - SA58670

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670ABS NXP-SA58670ABS Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670BS PHILIPS-SA58670BS Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
More results

Similar Description - SA58670

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58671 NXP-SA58671 Datasheet
188Kb / 24P
   1.2 W/channel stereo class-D audio amplifier
Rev. 02-24 October 2008
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com