Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83781D Datasheet(PDF) 33 Page - Winbond

Part # W83781D
Description  H/W MONITORING IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83781D Datasheet(HTML) 33 Page - Winbond

Back Button W83781D Datasheet HTML 29Page - Winbond W83781D Datasheet HTML 30Page - Winbond W83781D Datasheet HTML 31Page - Winbond W83781D Datasheet HTML 32Page - Winbond W83781D Datasheet HTML 33Page - Winbond W83781D Datasheet HTML 34Page - Winbond W83781D Datasheet HTML 35Page - Winbond W83781D Datasheet HTML 36Page - Winbond W83781D Datasheet HTML 37Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
W83781D/W83781G
Publication Release Date: April 14, 2005
- 29 -
Revision 2.0
7
6
5
4
3
2
1
0
FANINC1
FANOPV1
FANINC2
FANOPV2
FANINC3
FANOPV3
GPOSEL
DIS_ABN
Bit 7: Disable power-on abnormal the monitor voltage including V-Core A,, and +3.3V. If these voltage
exceed the limit value, the pin (Open Drain) of BEEP will drives low and high frequency signal.
Write 1, the frequency will be disable. Default 0. After power on, the system should set this bit
to 1 in order to disable BEEP.
Bit 6: BEEP/GPO# Pin Function Select. Write 1 Select GPO# function. Set 0, select BEEP function.
This bit default 0.
Bit 5: FAN 3 output value if FANINC3 sets to 0. Write 1, then pin 18 always generate logic high
signal. Write 0, pin 18 always generates logic low signal. This bit default 0.
Bit 4: FAN 3 Input Control. Set to 1, pin 18 acts as FAN clock input, which is default value. Set to 0,
this pin 18 acts as FAN control signal and the output value of FAN control is set by this register
bit 5. This output pin can connect to power PMOS gate to control FAN ON/OFF.
Bit 3: FAN 2 output value if FANINC2 sets to 0. Write 1, then pin 19 always generate logic high
signal. Write 0, pin 19 always generates logic low signal. This bit default 0.
Bit 2: FAN 2 Input Control. Set to 1, pin 19 acts as FAN clock input, which is default value. Set to 0,
this pin 19 acts as FAN control signal and the output value of FAN control is set by this register
bit 3. This output pin can connect to power NMOS gate to control FAN ON/OFF.
Bit 1: FAN 1 output value if FANINC1 sets to 0. Write 1, then pin 20 always generate logic high
signal. Write 0, pin 20 always generates logic low signal. This bit default 0.
Bit 0: FAN 1 Input Control. Set to 1, pin 20 acts as FAN clock input, which is default value. Set to 0,
this pin 20 acts as FAN control signal and the output value of FAN control is set by this register
bit 1. This output pin can connect to power PMOS gate to control FAN ON/OFF.
8.18 Register 50h ~ 5Fh Bank Select – Index 4Eh (No Auto Increase) (Bank 0)
Register Location:
4Eh
Power on Default Value <6:3> = Reserved, <7> = 1, <2:0> = 0. Reset by MR
Attribute:
Read/Write
Size:
8 bits


Similar Part No. - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
More results

Similar Description - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
logo
Nuvoton Technology Corp...
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83775G NUVOTON-W83775G Datasheet
875Kb / 31P
   H/W Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com