Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83781D Datasheet(PDF) 31 Page - Winbond

Part # W83781D
Description  H/W MONITORING IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83781D Datasheet(HTML) 31 Page - Winbond

Back Button W83781D Datasheet HTML 27Page - Winbond W83781D Datasheet HTML 28Page - Winbond W83781D Datasheet HTML 29Page - Winbond W83781D Datasheet HTML 30Page - Winbond W83781D Datasheet HTML 31Page - Winbond W83781D Datasheet HTML 32Page - Winbond W83781D Datasheet HTML 33Page - Winbond W83781D Datasheet HTML 34Page - Winbond W83781D Datasheet HTML 35Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
W83781D/W83781G
Publication Release Date: April 14, 2005
- 27 -
Revision 2.0
(Select which register will be read from or written to):
P7
P6
P5
P4 P3 P2
P1 P0
P7-P2: Must be kept 0.
P1-P0: Register select:
P1
P0
Index Register Selection (Bank1 & Bank2)
0
0
Temperature (Read only) (Power up default)
CR50h & CR51h
0
1
Configuration (Read / Write)
CR52h
1
0
THYST (Read / Write)
CR53h & CR54h
1
1
TOS (Read / Write)
CR55h & CR56h
8.15 Pin Control Register – Index 4Bh (Bank 0)
Register Location:
4Bh
Power on Default Value <7:0> 44h. Reset by MR.
Attribute:
Read/Write
Size:
8 bits
7
6
5
4
3
2
1
0
Reserved
Reserved
CLKINSEL
CLKINSEL
ADCOVSEL
ADCOVSEL
FAN3_DIV
FAN3_DIV
Bit 7-6:Fan3 speed divisor.
<1:0> = 00 - divide by 1;<1:0> = 01 - divide by 2;
<1:0> = 10 - divide by 4;<1:0> = 11 - divide by 8;Reset by MR.
Bit 5-4: Select A/D Converter Clock Input.
<5:4> = 00 - default.
<5:4> = 01- divided by 4.
<5:4> = 10 - divided by 16.
<5:4> = 11 - divided by 64.
Bit 3-2: Clock Input Select.
<3:2> = 00 - Pin 3 (CLKIN) select 14.318M Hz clock.
<3:2> = 01 - Default. Pin 3 (CLKIN) select 24M Hz clock.
<3:2> = 10 - Pin 3 (CLKIN) select 48M Hz clock .
<3:2> = 11 - Reserved. Pin3 no clock input.
Bit 1-0: Reserved. User defined.


Similar Part No. - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
More results

Similar Description - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
logo
Nuvoton Technology Corp...
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83775G NUVOTON-W83775G Datasheet
875Kb / 31P
   H/W Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com