Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83781D Datasheet(PDF) 27 Page - Winbond

Part # W83781D
Description  H/W MONITORING IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83781D Datasheet(HTML) 27 Page - Winbond

Back Button W83781D Datasheet HTML 23Page - Winbond W83781D Datasheet HTML 24Page - Winbond W83781D Datasheet HTML 25Page - Winbond W83781D Datasheet HTML 26Page - Winbond W83781D Datasheet HTML 27Page - Winbond W83781D Datasheet HTML 28Page - Winbond W83781D Datasheet HTML 29Page - Winbond W83781D Datasheet HTML 30Page - Winbond W83781D Datasheet HTML 31Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
W83781D/W83781G
Publication Release Date: April 14, 2005
- 23 -
Revision 2.0
8.11 Serial Bus Address Register – Index 48h (Bank 0)
Register Location:
48h
Power on Default Value Serial Bus address <6:0> = 0101101 and <7> = 0 binary
Size:
8 bits
7
6
5
4
3
2
1
0
Serial Bus Address
Reserved
Bit 7:
Read Only - Reserved.
Bit 6-0: Read/Write - Serial Bus address <6:0>.
8.12 Value RAM – Index 20h - 3Fh or 60h - Index 7Fh (auto-increment) (Bank 0)
INDEX A6-A0
INDEX A6-A0 WITH
AUTO-INCREMENT
DESCRIPTION
20h
60h
IN0 reading
21h
61h
IN1 reading
22h
62h
IN2 reading
23h
63h
IN3 reading
24h
64h
IN4 reading
25h
65h
-IN5 reading
26h
66h
-IN6 reading
27h
67h
Temperature reading
28h
68h
FAN1 reading
Note:
This location stores the number of counts of the internal clock per
revolution.
29h
69h
FAN2 reading
Note:
This location stores the number of counts of the internal clock per
revolution.
2Ah
6Ah
FAN3 reading
Note:
This location stores the number of counts of the internal clock per
revolution.
2Bh
6Bh
IN0 High Limit, default value is defined by Vcore Voltage
+0.2V.


Similar Part No. - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
More results

Similar Description - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
logo
Nuvoton Technology Corp...
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83775G NUVOTON-W83775G Datasheet
875Kb / 31P
   H/W Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com