Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83781D Datasheet(PDF) 23 Page - Winbond

Part # W83781D
Description  H/W MONITORING IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83781D Datasheet(HTML) 23 Page - Winbond

Back Button W83781D Datasheet HTML 19Page - Winbond W83781D Datasheet HTML 20Page - Winbond W83781D Datasheet HTML 21Page - Winbond W83781D Datasheet HTML 22Page - Winbond W83781D Datasheet HTML 23Page - Winbond W83781D Datasheet HTML 24Page - Winbond W83781D Datasheet HTML 25Page - Winbond W83781D Datasheet HTML 26Page - Winbond W83781D Datasheet HTML 27Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
W83781D/W83781G
Publication Release Date: April 14, 2005
- 19 -
Revision 2.0
Bit 2:
The logical 1 enables the IRQ Interrupt output.
Bit 1:
The logical 1 enables the SMI# Interrupt output.
Bit 0:
1
enables startup of monitoring operations
0
puts the part in standby mode.
Note:
The outputs of Interrupt pins will not be cleared if the user writes a zero to this location after an interrupt has occurred
unlike "INT_CLEAR'' bit.
8.4 Interrupt Status Register 1 – Index 41h (Bank 0)
Register Location:
41h
Power on Default Value 00h
Attribute:
Read Only
Size:
8 bits
7
6
5
4
3
2
1
0
IN0
IN1
IN2
IN3
TEMP1
TEMP23
FAN1
FAN2
Bit 7:
The logical 1 indicates the fan count limit has been exceeded.
Bit 6:
The logical 1 indicates the fan count limit has been exceeded.
Bit 5:
The logical 1 indicates a High or Low limit has been exceeded from temperature
sensor 2 or
sensor 3. The high and low limits value are defined in index registers: 53h-
56h of the Bank 1.
Bit 4:
The logical 1 indicates a High or Low limit has been exceeded from temperature sensor 1.
Bit 3-0: The logical 1 indicates a High or Low limit has been exceeded.
8.5 Interrupt Status Register 2 – Index 42h (Bank 0)
Register Location:
42h
Power on Default Value 00h
Attribute:
Read Only
Size:
8 bits


Similar Part No. - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
More results

Similar Description - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
logo
Nuvoton Technology Corp...
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83775G NUVOTON-W83775G Datasheet
875Kb / 31P
   H/W Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com