Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83781D Datasheet(PDF) 20 Page - Winbond

Part # W83781D
Description  H/W MONITORING IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83781D Datasheet(HTML) 20 Page - Winbond

Back Button W83781D Datasheet HTML 16Page - Winbond W83781D Datasheet HTML 17Page - Winbond W83781D Datasheet HTML 18Page - Winbond W83781D Datasheet HTML 19Page - Winbond W83781D Datasheet HTML 20Page - Winbond W83781D Datasheet HTML 21Page - Winbond W83781D Datasheet HTML 22Page - Winbond W83781D Datasheet HTML 23Page - Winbond W83781D Datasheet HTML 24Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
W83781D/W83781G
Publication Release Date: April 14, 2005
- 16 -
Revision 2.0
Index Pointer (A6-A0), continued
Registers
Bank
A6-A0
in Hex
Power On Value
of Registers:
<7:0>in Binary
Notes
SMI# Mask Register 1
0
43h
00000000
Auto-increment to the
address of SMI# Mask
Register 2 after a read or
write to Port x6h.
SMI# Mask Register 2
0
44h
00000000
IRQ Mask Register 1
0
45h
00000000
Auto-increment to the
address of IRQ Mask
Register 2 after a read or
write to Port x6h
IRQ Mask Register 2
0
46h
00000000
VID/Fan Divisor Register
0
47h
<7:4> = 0101;
<3:0> = VID3-
VID0
Serial Bus Address Register
0
48h
<6:0> = 0101101;
<7> = 0
Voltage ID
0
49h
<7:6> is Reserved
<5:4> is 01 binary
<0> is mapped to
VID <4>
Temperature 2 and
Temperature 3 Serial Bus
Address Register
0
4Ah
<7:0> =
0000,0001 binary
Pin Control Register
0
4Bh
<7:0> 44h
RQ/OVT# Property Select
0
4Ch
<7:0> ---0,0001
FAN IN/OUT and BEEP/GPO#
Control Register
0
4Dh
<7:0> 0001,0101
Register 50h ~ 5Fh Bank
Select
0
4Eh
<6:3> =
Reserved, <7> =
1, <2:0> = 0
Winbond Vendor ID
0
4Fh
<15:0> = 5CA3h
Resistor-Temperature Table
Register
0
50-51h
FAN Input Clock Pre-Divisor
Register 2
0
55h
<7:0> -000,0001
BEEP Control Register 1
0
56h
<7:0> 0000,0000
BEEP Control Register 2
0
57h
<7:0> 1000-0000


Similar Part No. - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
More results

Similar Description - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
logo
Nuvoton Technology Corp...
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83775G NUVOTON-W83775G Datasheet
875Kb / 31P
   H/W Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com