Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83781D Datasheet(PDF) 2 Page - Winbond

Part # W83781D
Description  H/W MONITORING IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83781D Datasheet(HTML) 2 Page - Winbond

  W83781D Datasheet HTML 1Page - Winbond W83781D Datasheet HTML 2Page - Winbond W83781D Datasheet HTML 3Page - Winbond W83781D Datasheet HTML 4Page - Winbond W83781D Datasheet HTML 5Page - Winbond W83781D Datasheet HTML 6Page - Winbond W83781D Datasheet HTML 7Page - Winbond W83781D Datasheet HTML 8Page - Winbond W83781D Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
W83781D/W83781G
Publication Release Date: April 14, 2005
- II -
Revision 2.0
Table Of Contents-
1.
GENERAL DESCRIPTION ......................................................................................................... 1
2.
FEATURES ................................................................................................................................. 1
2.1
Monitoring Items ............................................................................................................. 1
2.2
Actions Enabling ............................................................................................................. 1
2.3
General ........................................................................................................................... 2
2.4
Package .......................................................................................................................... 2
3.
KEY SPECIFICATIONS .............................................................................................................. 2
4.
BLOCK DIAGRAM ...................................................................................................................... 3
5.
PIN CONFIGURATION............................................................................................................... 4
6.
PIN DESCRIPTION..................................................................................................................... 4
7.
FUNCTIONAL DESCRIPTION ................................................................................................... 6
7.1
General Description ........................................................................................................ 6
7.1.1
The first serial bus access timing is shown as follows: .....................................................8
7.1.2
The serial bus timing of the temperature 2 and 3 is shown as follows: .............................9
7.2
Analog Inputs................................................................................................................ 11
7.3
FAN Inputs and FAN Control........................................................................................ 12
7.4
Temperature Measurement Machine ........................................................................... 13
8.
CONTROL AND STATUS REGISTERS................................................................................... 15
8.1
Address Register (Port x5h) ......................................................................................... 15
8.2
Data Register (Port x6h) ............................................................................................... 18
8.3
Configuration Register – Index 40h (Bank 0) ............................................................... 18
8.4
Interrupt Status Register 1 – Index 41h (Bank 0) ......................................................... 19
8.5
Interrupt Status Register 2 – Index 42h (Bank 0) ......................................................... 19
8.6
SMI# Mask Register 1 – Index 43h (Bank 0)............................................................... 20
8.7
SMI# Mask Register 2 – Index 44h (Bank 0)................................................................ 20
8.8
IRQ Mask Register 2 – Index 45h (Bank 0).................................................................. 21


Similar Part No. - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
More results

Similar Description - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
logo
Nuvoton Technology Corp...
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83775G NUVOTON-W83775G Datasheet
875Kb / 31P
   H/W Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com