Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83781D Datasheet(PDF) 19 Page - Winbond

Part # W83781D
Description  H/W MONITORING IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83781D Datasheet(HTML) 19 Page - Winbond

Back Button W83781D Datasheet HTML 15Page - Winbond W83781D Datasheet HTML 16Page - Winbond W83781D Datasheet HTML 17Page - Winbond W83781D Datasheet HTML 18Page - Winbond W83781D Datasheet HTML 19Page - Winbond W83781D Datasheet HTML 20Page - Winbond W83781D Datasheet HTML 21Page - Winbond W83781D Datasheet HTML 22Page - Winbond W83781D Datasheet HTML 23Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
W83781D/W83781G
Publication Release Date: April 14, 2005
- 15 -
Revision 2.0
8. CONTROL AND STATUS REGISTERS
8.1 Address Register (Port x5h)
The main register is the INDEX Register located at Port x5h. The bit designations are as follows:
7
6
5
4
3
2
1
0
INDEX Pointe
Busy
Bit7: Read Only
The logical 1 indicates the device is busy because of a Serial Bus transaction or another ISA bus
transaction. With checking this bit, multiple ISA drivers can use W83781D/G without interfering with
each other or a Serial Bus driver.
It is the user's responsibility not to have a Serial Bus and ISA bus operations at the same time.
This bit is:
Set:
with a write to Port x5h or when a Serial Bus transaction is in progress.
Reset:
with a write or read from Port x6h if it is set by a write to Port x5h, or when the Serial Bus
transaction is finished.
Bit 6-0: Read/Write
INDEX of Control and Status Registers. See the tables below for detail.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Busy
Index Pointer (Power On default 00h)
(Power On default 0)
A6
A5
A4
A3
A2
A1
A0
Index Pointer (A6-A0)
Registers
Bank
A6-A0
in Hex
Power On Value
of Registers:
<7:0>in Binary
Notes
Configuration Register
0
40h
00001000
Interrupt Status Register 1
0
41h
00000000
Auto-increment to the
address of Interrupt Status
Register 2 after a read or
write to Port x6h.
Interrupt Status Register 2
0
42h
00000000


Similar Part No. - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
More results

Similar Description - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
logo
Nuvoton Technology Corp...
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83775G NUVOTON-W83775G Datasheet
875Kb / 31P
   H/W Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com