Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83781D Datasheet(PDF) 17 Page - Winbond

Part # W83781D
Description  H/W MONITORING IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83781D Datasheet(HTML) 17 Page - Winbond

Back Button W83781D Datasheet HTML 13Page - Winbond W83781D Datasheet HTML 14Page - Winbond W83781D Datasheet HTML 15Page - Winbond W83781D Datasheet HTML 16Page - Winbond W83781D Datasheet HTML 17Page - Winbond W83781D Datasheet HTML 18Page - Winbond W83781D Datasheet HTML 19Page - Winbond W83781D Datasheet HTML 20Page - Winbond W83781D Datasheet HTML 21Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
W83781D/W83781G
Publication Release Date: April 14, 2005
- 13 -
Revision 2.0
FAN
Connector
FAN Out
+12V
GND
Pull-up resister
4.7K Ohms
+5V
+12V
Fan Input
Pin 18/19/20
W83781D
FAN
Connector
FAN Out
+12V
GND
Pull-up resister
4.7K Ohms
+12V
Fan Input
Pin 18/19/20
W83781D
14K~39K
10K
Fan with Tach Pull-Up to +12V, or Totem-Pole
Output and Register Attenuator
Fan with Tach Pull-Up to +5V
FAN
Connector
FAN Out
+12V
GND
Pull-up resister
> 1K
+12V
Fan Input
Pin 18/19/20
W83781D
FAN
Connector
FAN Out
+12V
GND
Pull-up resister < 1K
or totem-pole output
+12V
Fan Input
Pin 18/19/20
W83781D
> 1K
Fan with Tach Pull-Up to +12V, or Totem-Pole
Putput and Zener Clamp
Fan with Tach Pull-Up to +12V and Zener Clamp
3.9V Zener
3.9V Zener
7.4 Temperature Measurement Machine
The temperature data format is 8-bit two -complement for sensor 1 and 9-bit two -complement for
sensor 2/3. The table are expressed the temperature data as following.
8-Bit Digital Output
9-Bit Digital Output
Temperature
8-Bit Binary
8-Bit Hex
9-Bit Binary
9-Bit Hex
+125°C
0111,1101
7Dh
0,1111,1010
0FAh
+25°C
0001,1001
19h
0,0011,0010
032h
+1°C
0000,0001
01h
0,0000,0010
002h
+0.5°C
-
-
0,0000,0001
001h
+0°C
0000,0000
00h
0,0000,0000
000h
-0.5°C
-
-
1,1111,1111
1FFh
-1°C
1111,1111
FFh
1,1111,1110
1FFh
-25°C
1110,0111
E7h
1,1100,1110
1CEh
-55°C
1100,1001
C9h
1,1001,0010
192h


Similar Part No. - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
More results

Similar Description - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
logo
Nuvoton Technology Corp...
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83775G NUVOTON-W83775G Datasheet
875Kb / 31P
   H/W Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com