Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83781D Datasheet(PDF) 16 Page - Winbond

Part # W83781D
Description  H/W MONITORING IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83781D Datasheet(HTML) 16 Page - Winbond

Back Button W83781D Datasheet HTML 12Page - Winbond W83781D Datasheet HTML 13Page - Winbond W83781D Datasheet HTML 14Page - Winbond W83781D Datasheet HTML 15Page - Winbond W83781D Datasheet HTML 16Page - Winbond W83781D Datasheet HTML 17Page - Winbond W83781D Datasheet HTML 18Page - Winbond W83781D Datasheet HTML 19Page - Winbond W83781D Datasheet HTML 20Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
W83781D/W83781G
Publication Release Date: April 14, 2005
- 12 -
Revision 2.0
VV
R
RR
IN
s
+
2
12
The value of R1 and R2 can be selected to 28K Ohms and 10K Ohms, respectively, when the input
voltage is 12V. The Pin 33 is connected to +5V power supply to provide analog power, and this
voltage is connected to internal resistors to monitor the +5V voltage.
The negative voltage should be connected an op amps to invert and reduce the -5V and -12V voltage.
The input voltage can be calculated by following equation.
VV
R
R
SIN
F
IN
=−
× ()
The Winbond recommended value is RIN=90.9K Ohms and RF=60.4K Ohms for -5V voltage input,
RIN=210K Ohms and RF=60.4K Ohms for -12V voltage input.
The temperature sensors are connected by a 10K Ohms, then connect to VREF (Pin 37). The sensors
should choose 10K Ohms at 25°C and β-value is 3435 for default R-T table. If the β-value is not 3435,
the R-T table should be re-program to generate a correct temperature.
7.3 FAN Inputs and FAN Control
Inputs are provides for signals from fans equipped with tachometer outputs. The level of these signals
should be set to TTL level, and maximum input voltage can not be over +5.5V. If the input signals from
the tachometer outputs are over the VCC, the external trimming circuit should be added to reduce the
voltage to obtain the input specification. The normal circuit and trimming circuits are shown as
following.
Determine the fan counter according to:
Count
RPM Divisor
=
×
×
135 106
.
The default divisor is 2 and defined at CR47.bit7~4 and CR4B.bit7~6. The followed table is an
example for the relation of divisor, PRM, and count.
DIVISOR
NOMINAL
PRM
TIME PER
REVOLUTION
COUNTS
70% RPM
TIME FOR 70%
1
8800
6.82 ms
153
6160
9.74 ms
2
4400
13.64 ms
153
3080
19.48 ms
4
2200
27.27 ms
153
1540
38.96 ms
8
1100
54.54 ms
153
770
77.92 ms


Similar Part No. - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
More results

Similar Description - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
logo
Nuvoton Technology Corp...
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83775G NUVOTON-W83775G Datasheet
875Kb / 31P
   H/W Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com