Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83781D Datasheet(PDF) 8 Page - Winbond

Part # W83781D
Description  H/W MONITORING IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83781D Datasheet(HTML) 8 Page - Winbond

Back Button W83781D Datasheet HTML 4Page - Winbond W83781D Datasheet HTML 5Page - Winbond W83781D Datasheet HTML 6Page - Winbond W83781D Datasheet HTML 7Page - Winbond W83781D Datasheet HTML 8Page - Winbond W83781D Datasheet HTML 9Page - Winbond W83781D Datasheet HTML 10Page - Winbond W83781D Datasheet HTML 11Page - Winbond W83781D Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
W83781D/W83781G
Publication Release Date: April 14, 2005
- 4 -
Revision 2.0
5. PIN CONFIGURATION
V CC
GND D
S C L
S D A
I
O
W
#
C
L
K
I
N
D
0
D
1
D
2
D
3
D
4
D
5
D
6
D
7
W83781D
1
12
13
24
25
MR
36
37
48
V
C
O
R
E
A
V
C
O
R
E
B
+
3.
3
V
+
5
V
I
+
12
V
-
12
V
-
12
V
O
-
5
V
O
U
T
-
5
V
I
G
N
D
A
V
I
D
CASEOPEN
I
O
R
#
V
I
D
1
B
E
E
P
/
G
P
O
#
CS#
A0
A1
A2
SMI#
IRQ
OVT#
VID0
VTIN1
VTIN3
VTIN2
VREF
VID4
FAN3 IN/OUT
FAN2 IN/OUT
FAN1 IN/OUT
RSTOUT#
VID2
6. PIN DESCRIPTION
I/O12t
- TTL level bi-directional pin with 12 mA source-sink capability
I/O12ts - TTL level and schmitt trigger
OUT12t - TTL level output pin with 12 mA source-sink capability
OUT8t - TTL level output pin with 8 mA source-sink capability
AOUT - Output pin(Analog)
OD8
- Open-drain output pin with 8 mA sink capability
OD12
- Open-drain output pin with 12 mA sink capability
OD48
- Open-drain output pin with 48 mA sink capability
INt
- TTL level input pin
INts
- TTL level input pin and schmitt trigger
AIN
- Input pin(Analog)


Similar Part No. - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
More results

Similar Description - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
logo
Nuvoton Technology Corp...
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83775G NUVOTON-W83775G Datasheet
875Kb / 31P
   H/W Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com