Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83781D Datasheet(PDF) 51 Page - Winbond

Part # W83781D
Description  H/W MONITORING IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83781D Datasheet(HTML) 51 Page - Winbond

Back Button W83781D Datasheet HTML 46Page - Winbond W83781D Datasheet HTML 47Page - Winbond W83781D Datasheet HTML 48Page - Winbond W83781D Datasheet HTML 49Page - Winbond W83781D Datasheet HTML 50Page - Winbond W83781D Datasheet HTML 51Page - Winbond W83781D Datasheet HTML 52Page - Winbond W83781D Datasheet HTML 53Page - Winbond W83781D Datasheet HTML 54Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
W83781D/W83781G
Publication Release Date: April 14, 2005
- 47 -
Revision 2.0
12. APPLICATION CIRCUITS OF W83781D
0.6
APPLICATION OF W83781D
WINBOND ELECTRONICS CORP.
B
12
Wednesday, February 24, 1999
Title
Size
Document Number
Rev
Date:
Sheet
of
VCC
+12V
+3.3V
VCC
-12V
-5V
VCC
PIIX4_3V
PIIX4_3V
PIIX4_3V
48M , 24M OR 14.318M
NOTE:
1. Selected CLKIN of
2. Pin OVT# connects with PIIX4
Pin THRM#(H19)
(+5V)
Note3.
Note3.
3. If there originally exists Pull-up Resistor
on these lines, these resistors are not needed.
Note4.
4. SMI# is connected to PIIX4 EXTSMI# .
Note5.
5. To eliminate noise and to be VCC line,
(about 15-20 mil)
this line is as wider as better.
Note1.
Note2.
Application
Notice 2
(Reserve R & C)
(MB)
(CPU)
Ver
Contents
0.5
0.6
Add R30
Ver0.5 schematic
AP1,AP2,AP3
Erase R10 in Ver0.5
IOR#
+2.5VINA
IOW#
+2.5VINB
CLKIN
+3.3VIN
D7
+5VIN
D6
+12VIN
D5
-12VIN
D4
-12VOUT
D3
-5VOUT
D2
-5VIN
D1
GNDA
D0
VID1
VID3
A[2..0]
D[7..0]
C1
.1uF
C2
.1uF
C3
.1uF
C4
.1uF
C5
.1uF
C6
.1uF
C7
.1uF
RT1
10K 1%
t
RT2
10K 1%
t
RT3
10K 1%
t
R1
10K 1%
R2
10K 1%
R3
10K 1%
R4
210K 1%
R5
90.9K 1%
C8
.1uF
C9
.1uF
C10
.1uF
R6
10K 1%
C11
10uF
L1
INDUCTOR
R7
60.4K
1%
R8
60.4K
1%
C12
.1uF
C13
.1uF
C14
.1uF
C15
.1uF
C16
10uF
R9
10K 1%
R13
10
R14
28K 1%
R15
R
R16
10K 1%
R17
10K 1%
R18
R
U1
W83781D
IOR#
1
IOW#
2
CLKIN
3
D7
4
D6
5
D5
6
D4
7
D3
8
D2
9
D1
10
D0
11
VID1
12
VID3
25
BEEP/GPO#
26
GNDA
27
-5VIN
28
-5VOUT
29
-12VOUT
30
-12VIN
31
+12VIN
32
+5VIN
33
+3.3VIN
34
VCOREB
35
VCOREA
36
R25
R
100
C18
CAPACITOR NON-POL
33p
R11
R
4.7K
R12
R
4.7K
R30
4.7K
D[7..0]
A[2..0]
CS#
FAN1OUT
CASEOPEN
OVT#
IRQ
RSTOUT#
SDA
SCL
IOR#
IOW#
CLKIN
VCOREA
VCOREB
ResetDrv
SMI#
BEEP/GPO#
FAN2IN
FAN1IN


Similar Part No. - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
More results

Similar Description - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
logo
Nuvoton Technology Corp...
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83775G NUVOTON-W83775G Datasheet
875Kb / 31P
   H/W Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com