Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83781D Datasheet(PDF) 5 Page - Winbond

Part # W83781D
Description  H/W MONITORING IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83781D Datasheet(HTML) 5 Page - Winbond

  W83781D Datasheet HTML 1Page - Winbond W83781D Datasheet HTML 2Page - Winbond W83781D Datasheet HTML 3Page - Winbond W83781D Datasheet HTML 4Page - Winbond W83781D Datasheet HTML 5Page - Winbond W83781D Datasheet HTML 6Page - Winbond W83781D Datasheet HTML 7Page - Winbond W83781D Datasheet HTML 8Page - Winbond W83781D Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
W83781D/W83781G
Publication Release Date: April 14, 2005
- 1 -
Revision 2.0
1. GENERAL DESCRIPTION
The W83781D/G is a hardware monitoring IC for personal computers, server computers, or
microprocessor based systems. W83781D/G can be used to monitor several critical hardware
parameters of the system, including power supply voltages, fan speeds, and temperatures, which are
very important for a high-end computer system to work stablely and properly. W83781D provides both
ISA and I
2CTM serial bus interface.
A 8-bit analog-to-digital converter (ADC) was built inside W83781D/G. The W83781D/G can monitor 3
external thermistor temperature sensors, 5 positive analog voltage inputs, two inverting inputs (for
monitoring negative voltages), and also three fan tachometer outputs. There is also one input for case
open detection circuits.
With the application software, the users can read all the monitored parameters of system from time to
time. The application software could be the popular Intel
TM LDCM (LANDesk Client Management) or
Winbond   application software. Also the users can set up the upper and lower limits of these
monitored parameters and to activate two programmable and maskable interrupts. An optional beep
tone could be used as warning signal when the monitored parameters is out of the preset range.
Additionally, 5 VID inputs are provided to read the VID of CPU (such as Pentium
TM II) if applicable.
This is to provide the Vcore correction automatically. Also W83781D uniquely provides an optional
feature: early stage (before BIOS was load) beep warning. This is to detect if the fatal elements
present --- VcoreA, +3.3V voltage fail, and the system can not be boomed up.
2. FEATURES
2.1 Monitoring Items
3 thermal inputs from remote thermistors
5 positive voltage inputs (typical for +12V, +5V, +3.3V, VcoreA, VcoreB)
2 op amps for negative voltage monitoring (typical for -12V, -5V)
3 fan speed monitoring inputs
Case open detection input
WATCHDOG comparison of all monitored values
Programmable hysteresis and setting points for all monitored items
2.2 Actions Enabling
Warning signal pop up in application software
Beep tone warning
Fan ON/OFF control
Issue SMI#, IRQ to activate system protection


Similar Part No. - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
More results

Similar Description - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
logo
Nuvoton Technology Corp...
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83775G NUVOTON-W83775G Datasheet
875Kb / 31P
   H/W Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com