Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83781D Datasheet(PDF) 44 Page - Winbond

Part # W83781D
Description  H/W MONITORING IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83781D Datasheet(HTML) 44 Page - Winbond

Back Button W83781D Datasheet HTML 40Page - Winbond W83781D Datasheet HTML 41Page - Winbond W83781D Datasheet HTML 42Page - Winbond W83781D Datasheet HTML 43Page - Winbond W83781D Datasheet HTML 44Page - Winbond W83781D Datasheet HTML 45Page - Winbond W83781D Datasheet HTML 46Page - Winbond W83781D Datasheet HTML 47Page - Winbond W83781D Datasheet HTML 48Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
W83781D/W83781G
Publication Release Date: April 14, 2005
- 40 -
Revision 2.0
9. ELECRICAL CHARACTERISTICS
9.1 Absolute Maximum Ratings
PARAMETER
RATING
UNIT
Power Supply Voltage
-0.5 to 7.0
V
Input Voltage
-0.5 to VDD+0.5
V
Operating Temperature
0 to +70
° C
Storage Temperature
-55 to +150
° C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability
of the device.
9.2 DC Characteristics
(Ta = 0
° C to 70° C, VDD = 5V ± 10%, VSS = 0V)
PARAMETER
SYM.
MIN.
TYP.
MAX.
UNIT
CONDITIONS
I/O12t - TTL level bi-directional pin with source-sink capability of 12 mA
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
2.0
V
Output Low Voltage
VOL
0.4
V
IOL = 12 mA
Output High Voltage
VOH
2.4
V
IOH = - 12 mA
Input High Leakage
ILIH
+10
μA
VIN = VDD
Input Low Leakage
ILIL
-10
μA
VIN = 0V
I/O12ts - TTL level bi-directional pin with source-sink capability of 12 mA and schmitt-trigger
level input
Input Low Threshold
Voltage
Vt-
0.5
0.8
1.1
V
VDD = 5 V
Input High Threshold
Voltage
Vt+
1.6
2.0
2.4
V
VDD = 5 V
Hysteresis
VTH
0.5
1.2
V
VDD = 5 V
Output Low Voltage
VOL
0.4
V
IOL = 12 mA
Output High Voltage
VOH
2.4
V
IOH = - 12 mA
Input High Leakage
ILIH
+10
μA
VIN = VDD
Input Low Leakage
ILIL
-10
μA
VIN = 0V
OUT12t - TTL level output pin with source-sink capability of 12 mA
Output Low Voltage
VOL
0.4
V
IOL = 12 mA
Output High Voltage
VOH
2.4
V
IOH = -12 mA


Similar Part No. - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
More results

Similar Description - W83781D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
logo
Nuvoton Technology Corp...
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83775G NUVOTON-W83775G Datasheet
875Kb / 31P
   H/W Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com