Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM263P4 Datasheet(PDF) 163 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P4 Datasheet(HTML) 163 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 159Page - Texas Instruments AM263P4 Datasheet HTML 160Page - Texas Instruments AM263P4 Datasheet HTML 161Page - Texas Instruments AM263P4 Datasheet HTML 162Page - Texas Instruments AM263P4 Datasheet HTML 163Page - Texas Instruments AM263P4 Datasheet HTML 164Page - Texas Instruments AM263P4 Datasheet HTML 165Page - Texas Instruments AM263P4 Datasheet HTML 166Page - Texas Instruments AM263P4 Datasheet HTML 167Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 168 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
15-Jun-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
AM263P2ACOLFZCZR
NFBGA
ZCZ
324
1000
330.0
24.4
15.3
15.3
2.35
20.0
24.0
Q1
AM263P2ASPDFZCZRQ1 NFBGA
ZCZ
324
1000
330.0
24.4
15.3
15.3
2.35
20.0
24.0
Q1
AM263P4ACOKFZCZRQ1 NFBGA
ZCZ
324
1000
330.0
24.4
15.3
15.3
2.35
20.0
24.0
Q1
AM263P4ACOLFZCZR
NFBGA
ZCZ
324
1000
330.0
24.4
15.3
15.3
2.35
20.0
24.0
Q1
AM263P4ACOMFZCZR
NFBGA
ZCZ
324
1000
330.0
24.4
15.3
15.3
2.35
20.0
24.0
Q1
AM263P4AFONFZCZRQ1 NFBGA
ZCZ
324
1000
330.0
24.4
15.3
15.3
2.35
20.0
24.0
Q1
AM263P4ASOKFZCZRQ1 NFBGA
ZCZ
324
1000
330.0
24.4
15.3
15.3
2.35
20.0
24.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com