Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPR-105 Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BPR-105
Description  LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BPR-105 Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BPR-105 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BPR-105 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BPR-105 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BPR-105 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BRIGHT LED ELECTRONICS
● Device Number: BPR-105
● Absolute Maximum Rating (Ta=25℃)
Page:
2
Version: 1.0
Item
Symbol
Rating
Unit
Power Dissipation
Pd
75
mW
Reverse Voltage
VR
5
V
Forward Current
IF
50
mA
Input
Peak Forward Current (*1)
IFP
1
A
Collector Power Dissipation
PC
100
mW
Collector Current
IC
20
mA
C-E Voltage
VCEO
30
V
Output
E-C Voltage
VECO
5
V
Operating Temperature
Topr
-25 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Soldering Temperature (*2)
Tsol
260
(*1) tw=100 uSec.
、T=10 mSec.
(*2) t=5 Sec
Electrical Optical Characteristics (Ta=25℃)
Parameter
Symbol
Condition
Min. Typ. Max.
Unit
BIN No.
Forward Voltage
VF
IF=20mA
1.2
1.5
V
Reverse Current
IR
VR=5V
100
μA
Input
Peak Wavelength
λp
IF=10mA
940
nm
Dark Current
ID
VCE=10V
200
nA
Output
C-E Saturation
Voltage
VCE(sat)
IC=0.25mA
IF=10mA
0.4
V
80
240
BIN A (
金色點記)
160
480
BIN B (
橙色點記)
320
960
BIN C (
紫色點記)
Light Current
IL
VCE=5V
IF=10mA
D=1.0mm
(90% Reflective
white paper)
640
1920
μA
BIN D (
紅色點記)
Rise Time
Tr
20
μsec
Speed
Fall Time
Tf
IFP=20mA
VCE=5V
RL=1000Ω
20
μsec


Similar Part No. - BPR-105

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BPR-105F BRIGHT-BPR-105F Datasheet
260Kb / 6P
   LED
BPR-105S BRIGHT-BPR-105S Datasheet
302Kb / 5P
   Non-contact switching For direct pc board or dual-in-line socket mounting.
More results

Similar Description - BPR-105

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com