Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH4D22NP-820N Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH4D22NP-820N
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH4D22NP-820N Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH4D22NP-820N Datasheet HTML 1Page - Sumida Corporation CDRH4D22NP-820N Datasheet HTML 2Page - Sumida Corporation CDRH4D22NP-820N Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH4D22 , CDRH4D22/HP
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
High Power Type(CDRH4D22/HP)
Saturation Current
A)※1
Part Name
Stamp
Inductance
(μH)[Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at 100℃)
Temperature
Rise current
(A) ※2
CDRH4D22HPNP-1R2N□
1R2
1.2±25%
26.5(21.2)
4.20
3.40
3.20
CDRH4D22HPNP-1R5N□
1R5
1.5±25%
31.3(25.0)
3.90
3.20
3.00
CDRH4D22HPNP-2R2N□
2R2
2.2±25%
44.3(35.4)
3.20
2.50
2.40
CDRH4D22HPNP-2R7N□
2R7
2.7±25%
57.8(46.3)
2.80
2.35
2.20
CDRH4D22HPNP-3R5N□
3R5
3.5±25%
65.1(52.0)
2.50
2.10
2.00
CDRH4D22HPNP-4R7N□
4R7
4.7±25%
82.6(66.0)
2.20
1.80
1.80
CDRH4D22HPNP-5R2N□
5R2
5.2±25%
92.8(74.3)
2.00
1.65
1.70
CDRH4D22HPNP-6R3N□
6R3
6.3±25%
110.0(87.9)
1.85
1.50
1.40
CDRH4D22HPNP-8R2N□
8R2
8.2±25%
128.3(102.6)
1.65
1.40
1.35
CDRH4D22HPNP-1ØØM□
100
10±20%
143.8(115.0)
1.50
1.20
1.30
CDRH4D22HPNP-12ØM□
120
12±20%
187.2(150.0)
1.30
1.10
1.10
CDRH4D22HPNP-15ØM□
150
15±20%
212.9(170.3)
1.20
1.00
0.85
CDRH4D22HPNP-18ØM□
180
18±20%
238.7(191.0)
1.10
0.90
0.80
CDRH4D22HPNP-22ØM□
220
22±20%
267.0(213.6)
1.05
0.85
0.90
CDRH4D22HPNP-27ØM□
270
27±20%
393.9(315.0)
0.90
0.75
0.70
CDRH4D22HPNP-33ØM□
330
33±20%
448.9(359.0)
0.80
0.68
0.65
CDRH4D22HPNP-39ØM□
390
39±20%
667.9(534.3)
0.75
0.60
0.52
CDRH4D22HPNP-47ØM□
470
47±20%
723.3(578.6)
0.70
0.56
0.50
CDRH4D22HPNP-56ØM□
560
56±20%
810.0(648.2)
0.65
0.52
0.48
CDRH4D22HPNP-68ØM□
680
68±20%
913.0(730.4)
0.60
0.48
0.45
CDRH4D22HPNP-82ØM□
820
82±20%
1221(977.0)
0.55
0.45
0.40
CDRH4D22HPNP-1Ø1M□
101
100±20%
1370(1096.0)
0.48
0.38
0.35
Description of part name
CDRH4D22NP-1R5N□
1.Saturation Current: The DC current at which the inductance decreases to 65% of it's nominal value
2 Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape


Similar Part No. - CDRH4D22NP-820N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH4D22NP-820NC SUMIDA-CDRH4D22NP-820NC Datasheet
176Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH4D22NP-820N

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com