Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH125 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH125
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH125 Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH125_06 Datasheet HTML 1Page - Sumida Corporation CDRH125_06 Datasheet HTML 2Page - Sumida Corporation CDRH125_06 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH125
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
Specification
Part Name
Stamp
Inductance
Within]
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
Rated Current
(A)※1
Measuring
frequency
CDRH125NP-1R3N□
1R3
1.3μH
30%
20%
12m(9m)
8.00
at 7.96MHz
CDRH125NP-2R1N□
2R1
2.1μH
30%
20%
14m(11m)
7.00
at 7.96MHz
CDRH125NP-3R1N□
3R1
3.1μH
30%
20%
17m(13m)
6.00
at 7.96MHz
CDRH125NP-4R4N□
4R4
4.4μH
30%
20%
20m(16m)
5.00
at 7.96MHz
CDRH125NP-5R8N□
5R8
5.8μH
30%
20%
21m(17m)
4.40
at 7.96MHz
CDRH125NP-7R5N□
7R5
7.5μH
30%
20%
24m(19m)
4.20
at 7.96MHz
CDRH125NP-1ØØM□
100
10μH±20%
25m(19m)
4.00
at 1KHz
CDRH125NP-12ØM□
120
12μH±20%
27m(21m)
3.50
at 1KHz
CDRH125NP-1ØØM□
100
10μH±20%
25m(19m)
4.00
at 1KHz
CDRH125NP-12ØM□
120
12μH±20%
27m(21m)
3.50
at 1KHz
CDRH125NP-15ØM□
150
15μH±20%
30m(23m)
3.30
at 1KHz
CDRH125NP-18ØM□
180
18μH±20%
34m(26m)
3.00
at 1KHz
CDRH125NP-22ØM□
220
22μH±20%
36m(28m)
2.80
at 1KHz
CDRH125NP-27ØM□
270
27μH±20%
51m(39m)
2.30
at 1KHz
CDRH125NP-33ØM□
330
33μH±20%
57m(44m)
2.10
at 1KHz
CDRH125NP-39ØM□
390
39μH±20%
68m(52m)
2.00
at 1KHz
CDRH125NP-47ØM□
470
47μH±20%
75m(58m)
1.80
at 1KHz
CDRH125NP-56ØM□
560
56μH±20%
0.11(84m)
1.70
at 1KHz
CDRH125NP-68ØM□
680
68μH±20%
0.12(93m)
1.50
at 1KHz
CDRH125NP-82ØM□
820
82μH±20%
0.14(0.11)
1.40
at 1KHz
CDRH125NP-1Ø1M□
101
100μH±20%
0.16(0.12)
1.30
at 1KHz


Similar Part No. - CDRH125_06

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH125 SUMIDA-CDRH125_07 Datasheet
189Kb / 4P
Power Inductors
More results

Similar Description - CDRH125_06

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com