Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC401QS16G Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC401QS16G
Description  Ku-Band MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC401QS16G Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC401QS16G_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 6Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 7Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
9
9 - 60
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Divided Frequency
vs. Tuning Voltage, Vcc= +5V
Divided Output
Power vs. Tuning Voltage, Vcc= +5V
Divided Output
SSB Phase Noise @ Vtune= 5V
HMC401QS16G / 401QS16GE
Ku-Band MMIC VCO with
DIVIDE-BY-8, 13.2 - 13.5 GHz
v02.0805
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
01
234
5678
9
10
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
1.6
1.61
1.62
1.63
1.64
1.65
1.66
1.67
1.68
1.69
1.7
1.71
1.72
01
234
5678
9
10
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)


Similar Part No. - HMC401QS16G_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC401QS16G HITTITE-HMC401QS16G_08 Datasheet
289Kb / 8P
   Ku-Band MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
More results

Similar Description - HMC401QS16G_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC401QS16G HITTITE-HMC401QS16G_08 Datasheet
289Kb / 8P
   Ku-Band MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
HMC401QS16G HITTITE-HMC401QS16G Datasheet
305Kb / 8P
   Ku-BAND MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
HMC398QS16G HITTITE-HMC398QS16G Datasheet
287Kb / 8P
   Ku-Band MMIC VCO with DIVIDE-BY-8, 14.0 - 15.0 GHz
HMC398QS16G HITTITE-HMC398QS16G_08 Datasheet
289Kb / 8P
   Ku-Band MMIC VCO with DIVIDE-BY-8, 14 - 15 GHz
HMC398QS16G HITTITE-HMC398QS16G_06 Datasheet
431Kb / 8P
   8Ku-Band MMIC VCO with DIVIDE-BY-8, 14.0 - 15.0 GHz
logo
TriQuint Semiconductor
TGV2529-SM TRIQUINT-TGV2529-SM_15 Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
TGV2529-SM TRIQUINT-TGV2529-SM Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
logo
Hittite Microwave Corpo...
HMC734LP5 HITTITE-HMC734LP5_10 Datasheet
447Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC734LP5 HITTITE-HMC734LP5 Datasheet
262Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC735LP5 HITTITE-HMC735LP5_10 Datasheet
438Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com