Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC401QS16G Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC401QS16G
Description  Ku-Band MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC401QS16G Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC401QS16G_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 6Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 7Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
9
9 - 59
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Frequency vs. Tuning Voltage, T= 25°C
Sensitivity vs. Tuning Voltage, Vcc= +5V
SSB Phase Noise vs. Tuning Voltage
Frequency vs. Tuning Voltage, Vcc= +5V
Output Power
vs. Tuning Voltage, Vcc= +5V
Phase Noise @ Vtune= 5V
HMC401QS16G / 401QS16GE
Ku-Band MMIC VCO with
DIVIDE-BY-8, 13.2 - 13.5 GHz
v02.0805
12.8
12.9
13
13.1
13.2
13.3
13.4
13.5
13.6
13.7
13.8
01
234
5678
9
10
Vcc= 4.75V
Vcc= 5.0V
Vcc= 5.25V
TUNING VOLTAGE (VOLTS)
-120
-110
-100
-90
-80
-70
-60
12
34
567
8
9
10
10kHz offset
100kHz offset
TUNING VOLTAGE (VOLTS)
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
3
10
4
10
5
10
6
10
7
+25 C
+85 C
-40 C
OFFSET FREQUENCY (Hz)
-15
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
01
234
5678
9
10
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
0
50
100
150
200
250
300
01
234
5678
9
10
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
12.8
12.9
13
13.1
13.2
13.3
13.4
13.5
13.6
13.7
13.8
01
234
5678
9
10
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)


Similar Part No. - HMC401QS16G_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC401QS16G HITTITE-HMC401QS16G_08 Datasheet
289Kb / 8P
   Ku-Band MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
More results

Similar Description - HMC401QS16G_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC401QS16G HITTITE-HMC401QS16G_08 Datasheet
289Kb / 8P
   Ku-Band MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
HMC401QS16G HITTITE-HMC401QS16G Datasheet
305Kb / 8P
   Ku-BAND MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
HMC398QS16G HITTITE-HMC398QS16G Datasheet
287Kb / 8P
   Ku-Band MMIC VCO with DIVIDE-BY-8, 14.0 - 15.0 GHz
HMC398QS16G HITTITE-HMC398QS16G_08 Datasheet
289Kb / 8P
   Ku-Band MMIC VCO with DIVIDE-BY-8, 14 - 15 GHz
HMC398QS16G HITTITE-HMC398QS16G_06 Datasheet
431Kb / 8P
   8Ku-Band MMIC VCO with DIVIDE-BY-8, 14.0 - 15.0 GHz
logo
TriQuint Semiconductor
TGV2529-SM TRIQUINT-TGV2529-SM_15 Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
TGV2529-SM TRIQUINT-TGV2529-SM Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
logo
Hittite Microwave Corpo...
HMC734LP5 HITTITE-HMC734LP5_10 Datasheet
447Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC734LP5 HITTITE-HMC734LP5 Datasheet
262Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC735LP5 HITTITE-HMC735LP5_10 Datasheet
438Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com