Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC401QS16G Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC401QS16G
Description  Ku-Band MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC401QS16G Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC401QS16G_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 6Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 7Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
9
9 - 61
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
Outline Drawing
Vcc1, Vcc2
5.5 V
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Vtune
0 to 11V Max.
ESD Sensitivity (HBM)
Class 1A
Typical Supply Current vs. Vcc
Note: VCO will operate over full voltage range shown above.
Vcc (V)
Icc (mA)
4.75
260
5.0
290
5.25
315
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC401QS16G / 401QS16GE
Ku-Band MMIC VCO with
DIVIDE-BY-8, 13.2 - 13.5 GHz
v02.0805
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO
PCB RF GROUND.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC401QS16G
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H401
XXXX
HMC401QS16GE
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H401
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information


Similar Part No. - HMC401QS16G_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC401QS16G HITTITE-HMC401QS16G_08 Datasheet
289Kb / 8P
   Ku-Band MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
More results

Similar Description - HMC401QS16G_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC401QS16G HITTITE-HMC401QS16G_08 Datasheet
289Kb / 8P
   Ku-Band MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
HMC401QS16G HITTITE-HMC401QS16G Datasheet
305Kb / 8P
   Ku-BAND MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
HMC398QS16G HITTITE-HMC398QS16G Datasheet
287Kb / 8P
   Ku-Band MMIC VCO with DIVIDE-BY-8, 14.0 - 15.0 GHz
HMC398QS16G HITTITE-HMC398QS16G_08 Datasheet
289Kb / 8P
   Ku-Band MMIC VCO with DIVIDE-BY-8, 14 - 15 GHz
HMC398QS16G HITTITE-HMC398QS16G_06 Datasheet
431Kb / 8P
   8Ku-Band MMIC VCO with DIVIDE-BY-8, 14.0 - 15.0 GHz
logo
TriQuint Semiconductor
TGV2529-SM TRIQUINT-TGV2529-SM_15 Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
TGV2529-SM TRIQUINT-TGV2529-SM Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
logo
Hittite Microwave Corpo...
HMC734LP5 HITTITE-HMC734LP5_10 Datasheet
447Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC734LP5 HITTITE-HMC734LP5 Datasheet
262Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC735LP5 HITTITE-HMC735LP5_10 Datasheet
438Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com