Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M6000035 Datasheet(PDF) 2 Page - OKW Enclosures Ltd

Part # M6000035
Description  INSTRUMET 19" CASES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCASE [OKW Enclosures Ltd]
Direct Link  https://www.metcase.com/
Logo METCASE - OKW Enclosures Ltd

M6000035 Datasheet(HTML) 2 Page - OKW Enclosures Ltd

  M6000035 Datasheet HTML 1Page - OKW Enclosures Ltd M6000035 Datasheet HTML 2Page - OKW Enclosures Ltd M6000035 Datasheet HTML 3Page - OKW Enclosures Ltd M6000035 Datasheet HTML 4Page - OKW Enclosures Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OKW Enclosures Ltd - METCASE - INSTRUMET 19" Cases
INSTRUMET 10.5" CASES
Part No.
Standard Model
Part No.
Portable Model
Type
H
W
D
Drawings
M6010305
£
3U x 10.5"
157
303
350
PDF
DWG
M6010315
£ 3U x 10.5"
157
303
350
PDF
DWG
INSTRUMET 19" CASES
Part No.
Standard Model
Part No.
Portable Model
Type
H
W
D
Drawings
M6019305
£
3U x 19"
157
516
350
PDF
DWG
M6019315
£ 3U x 19"
157
516
350
PDF
DWG
M6019325
£
3U x 19"
157
516
450
PDF
DWG
M6019335
£ 3U x 19"
157
516
450
PDF
DWG
ACCESSORIES
http://www.okw.co.uk/products/metcase/instrumet19.htm (2 of 3)06/03/2008 13:59:22


Similar Part No. - M6000035

ManufacturerPart #DatasheetDescription
logo
OKW Enclosures Ltd
M6000035 METCASE-M6000035 Datasheet
401Kb / 4P
INSTRUMET 19" CASES
06/03/2008 13:59:22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com